Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP1E075RP Datasheet(PDF) 3 Page - Rohm

Part # RP1E075RP
Description  4V Drive Pch MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RP1E075RP Datasheet(HTML) 3 Page - Rohm

  RP1E075RP Datasheet HTML 1Page - Rohm RP1E075RP Datasheet HTML 2Page - Rohm RP1E075RP Datasheet HTML 3Page - Rohm RP1E075RP Datasheet HTML 4Page - Rohm RP1E075RP Datasheet HTML 5Page - Rohm RP1E075RP Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Data Sheet
www.rohm.com
©20
10 ROHM Co., Ltd. All rights reserved.
RP1E075RP
 
 Electrical characteristic curves
0
1
2
3
4
5
6
7
0
0.2
0.4
0.6
0.8
1
Ta=25°C
Pulsed
VGS= -10V
VGS= -4.5V
VGS= -4.0V
VGS= -2.5V
VGS= -3.5V
VGS= -3.0V
VGS= -2.8V
0.001
0.01
0.1
1
10
01
23
VDS= -10V
Pulsed
Ta= 125°C
Ta= 75°C
Ta= 25°C
Ta= - 25°C
1
10
100
1000
0.1
1
10
VGS= -4.0V
VGS= -4.5V
VGS= -10V
Ta=25°C
Pulsed
0.01
0.1
1
10
0
0.5
1
1.5
VGS=0V
Pulsed
Ta=125°C
Ta=75°C
Ta=25°C
Ta=-25°C
0
1
2
3
4
5
6
7
024
68
10
Ta=25°C
Pulsed
VGS= -10V
VGS= -4.5V
VGS= -4.0V
VGS= -2.5V
VGS= -3.5V
VGS= -3.0V
VGS= -2.8V
1
10
100
1000
0.1
1
10
VGS= -4.5V
Pulsed
Ta=125°C
Ta=75°C
Ta=25°C
Ta= -25°C
1
10
100
1000
0.1
1
10
VGS= -10V
Pulsed
Ta=125°C
Ta=75°C
Ta=25°C
Ta= -25°C
0.1
1
10
100
0.01
0.1
1
10
100
VDS= -10V
Pulsed
Ta= -25°C
Ta=25°C
Ta=75°C
Ta=125°C
1
10
100
1000
0.1
1
10
VGS= -4.0V
Pulsed
Ta=125°C
Ta=75°C
Ta=25°C
Ta= -25°C
Fig.1 Typical Output Characteristics( Ⅰ)
Fig.2 Typical Output Characteristics( Ⅱ)
Fig.3 Typical Transfer Characteristics
Fig.4 Static Drain-Source On-State
Resistance vs. Drain Current( Ⅰ)
Fig.5 Static Drain-Source On-State
Resistance vs. Drain Current( Ⅱ)
Fig.6 Static Drain-Source On-State
Resistance vs. Drain Current( Ⅲ)
Fig.7 Static Drain-Source On-State
Resistance vs. Drain Current( Ⅳ)
Fig.9 Reverse Drain Current
vs. Sourse-Drain Voltage
Fig.8 Forward Transfer Admittance
vs. Drain Current
DRAIN-SOURCE VOLTAGE : -VDS[V]
DRAIN-SOURCE VOLTAGE : -VDS[V]
GATE-SOURCE VOLTAGE : -VGS[V]
DRAIN-CURRENT : -ID[A]
DRAIN-CURRENT : -ID[A]
DRAIN-CURRENT : -ID[A]
DRAIN-CURRENT : -ID[A]
DRAIN-CURRENT : -ID[A]
SOURCE-DRAIN VOLTAGE : -VSD [V]
3/5
2010.08- Rev.A


Similar Part No. - RP1E075RP

ManufacturerPart #DatasheetDescription
logo
Rohm
RP1E070XN ROHM-RP1E070XN Datasheet
1Mb / 7P
   4V Drive Nch MOSFET
More results

Similar Description - RP1E075RP

ManufacturerPart #DatasheetDescription
logo
Rohm
QS8J5 ROHM-QS8J5 Datasheet
285Kb / 6P
   4V Drive Pch Pch MOSFET
SH8J65 ROHM-SH8J65_11 Datasheet
200Kb / 6P
   4V Drive PchPch MOSFET
SH8J62 ROHM-SH8J62 Datasheet
185Kb / 6P
   4V Drive PchPch MOSFET
QS8J4 ROHM-QS8J4 Datasheet
345Kb / 6P
   4V Drive Pch Pch MOSFET
SH8J62TB1 ROHM-SH8J62TB1 Datasheet
140Kb / 6P
   4V Drive Pch Pch MOSFET
SH8J65 ROHM-SH8J65 Datasheet
233Kb / 6P
   4V Drive PchPch MOSFET
SH8J66 ROHM-SH8J66 Datasheet
206Kb / 6P
   4V Drive PchPch MOSFET
RSJ250P10FRA ROHM-RSJ250P10FRA Datasheet
482Kb / 9P
   4V Drive Pch MOSFET
RRH075P03 ROHM-RRH075P03 Datasheet
209Kb / 6P
   4V Drive Pch MOSFET
TT8J2 ROHM-TT8J2_09 Datasheet
216Kb / 6P
   4V Drive Pch MOSFET
UM6J1N ROHM-UM6J1N_09 Datasheet
168Kb / 4P
   4V Drive Pch MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com