Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP1E070XN Datasheet(PDF) 1 Page - Rohm

Part # RP1E070XN
Description  4V Drive Nch MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RP1E070XN Datasheet(HTML) 1 Page - Rohm

  RP1E070XN Datasheet HTML 1Page - Rohm RP1E070XN Datasheet HTML 2Page - Rohm RP1E070XN Datasheet HTML 3Page - Rohm RP1E070XN Datasheet HTML 4Page - Rohm RP1E070XN Datasheet HTML 5Page - Rohm RP1E070XN Datasheet HTML 6Page - Rohm RP1E070XN Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Data Sheet
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
4V Drive Nch MOSFET
RP1E070XN
Structure
Dimensions (Unit : mm)
Silicon N-channel MOSFET
Features
1) Low on-resistance.
2) Built-in G-S Protection Diode.
3) Small Surface Mount Package (MPT6).
Application
Switching
Packaging specifications
Inner circuit
Package
Taping
Code
TR
Basic ordering unit (pieces)
1000
RP1E070XN
Absolute maximum ratings (Ta = 25
C)
Symbol
Limits
Unit
Drain-source voltage
VDSS
30
V
Gate-source voltage
VGSS
20
V
Continuous
ID
7A
Pulsed
IDP
18
A
Continuous
IS
1.6
A
Pulsed
ISP
18
A
Power dissipation
PD
2.0
W
Channel temperature
Tch
150
C
Range of storage temperature
Tstg
55 to 150
C
*1 Pw
10s, Duty cycle1%
*2 Mounted on a ceramic board.
Thermal resistance
Symbol
Limits
Unit
Channel to Ambient
Rth (ch-a)
62.5
C / W
*Mounted on a ceramic board.
Parameter
Type
Source current
(Body Diode)
Drain current
Parameter
*
*2
*1
*1
MPT6
(Single)
(1)
(2)
(3)
(6)
(5)
(4)
(1) Source
(2) Source
(3) Gate
(4) Drain
(5) Drain
(6) Drain
1 ESD PROTECTION DIODE
2 BODY DIODE
∗2
∗1
(6)
(5)
(1)
(2)
(3)
(4)
1/6
2011.02 - Rev.A


Similar Part No. - RP1E070XN

ManufacturerPart #DatasheetDescription
logo
Rohm
RP1E075RP ROHM-RP1E075RP Datasheet
401Kb / 6P
   4V Drive Pch MOSFET
More results

Similar Description - RP1E070XN

ManufacturerPart #DatasheetDescription
logo
Rohm
SH8K5 ROHM-SH8K5_09 Datasheet
175Kb / 4P
   4V Drive NchNch MOSFET
QS8K13 ROHM-QS8K13 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
SH8K11 ROHM-SH8K11 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
SH8K32 ROHM-SH8K32 Datasheet
182Kb / 5P
   4V Drive NchNch MOSFET
MP6K11 ROHM-MP6K11_11 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
MP6K12 ROHM-MP6K12 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
MP6K14 ROHM-MP6K14 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
SH8K13 ROHM-SH8K13 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
SH8K3TB1 ROHM-SH8K3TB1 Datasheet
175Kb / 4P
   4V Drive NchNch MOSFET
SP8K33FRA ROHM-SP8K33FRA Datasheet
1Mb / 7P
   4V Drive NchNch MOSFET
SH8K14 ROHM-SH8K14 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com