Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP1A090ZP Datasheet(PDF) 2 Page - Rohm

Part # RP1A090ZP
Description  1.5V Drive Pch MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RP1A090ZP Datasheet(HTML) 2 Page - Rohm

  RP1A090ZP Datasheet HTML 1Page - Rohm RP1A090ZP Datasheet HTML 2Page - Rohm RP1A090ZP Datasheet HTML 3Page - Rohm RP1A090ZP Datasheet HTML 4Page - Rohm RP1A090ZP Datasheet HTML 5Page - Rohm RP1A090ZP Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Data Sheet
www.rohm.com
©20
10 ROHM Co., Ltd. All rights reserved.
RP1A090ZP
 
Electrical characteristics (Ta = 25
°C)
Symbol
Min.
Typ.
Max.
Unit
Gate-source leakage
IGSS
--
±10
μAVGS=±10V, VDS=0V
Drain-source breakdown voltage V(BR)DSS
−12
-
-
V
ID=
−1mA, VGS=0V
Zero gate voltage drain current
IDSS
--
−1
μAVDS=−12V, VGS=0V
Gate threshold voltage
VGS (th)
−0.3
-
−1.0
V
VDS=
−6V, ID=−1mA
-
8
12
ID=
−9A, VGS=−4.5V
-11
16
ID=
−4.5A, VGS=−2.5V
-15
23
ID=
−4.5A, VGS=−1.8V
-19
38
ID=
−1.8A, VGS=−1.5V
Forward transfer admittance
l Yfs l12
-
-
S
ID=
−9A, VDS=−6V
Input capacitance
Ciss
-
7400
-
pF
VDS=
−6V
Output capacitance
Coss
-
800
-
pF
VGS=0V
Reverse transfer capacitance
Crss
-
750
-
pF
f=1MHz
Turn-on delay time
td(on)
-
35
-
ns
ID=
−4.5A, VDD −6V
Rise time
tr
-
120
-
ns
VGS=
−4.5V
Turn-off delay time
td(off)
-
350
-
ns
RL=1.3
Ω
Fall time
tf
-
170
-
ns
RG=10
Ω
Total gate charge
Qg
-
59
-
nC ID=
−9A,
Gate-source charge
Qgs
-
11
-
nC VGS=
−4.5V
Gate-drain charge
Qgd
-9
-
nC VDD
−6V
*Pulsed
Body diode characteristics (Source-Drain) (Ta = 25
°C)
Symbol
Min.
Typ.
Max. Unit
Forward Voltage
VSD
--
−1.2
V
Is=
−9A, VGS=0V
*Pulsed
Conditions
Conditions
m
Ω
Parameter
Parameter
Static drain-source on-state
resistance
RDS (on)*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
2/5
2010.07 - Rev.B


Similar Part No. - RP1A090ZP

ManufacturerPart #DatasheetDescription
logo
Rohm
RP1A090ZP ROHM-RP1A090ZP Datasheet
310Kb / 6P
   1.5V Drive Pch MOSFET
More results

Similar Description - RP1A090ZP

ManufacturerPart #DatasheetDescription
logo
Rohm
TT8J11 ROHM-TT8J11 Datasheet
1Mb / 7P
   1.5V Drive Pch Pch MOSFET
TT8J1 ROHM-TT8J1_09 Datasheet
230Kb / 6P
   1.5V Drive PchPch MOSFET
QS8J12 ROHM-QS8J12 Datasheet
1Mb / 7P
   1.5V Drive Pch Pch MOSFET
TT8J13 ROHM-TT8J13 Datasheet
1Mb / 7P
   1.5V Drive Pch Pch MOSFET
QS6J11 ROHM-QS6J11 Datasheet
227Kb / 5P
   1.5V Drive PchPch MOSFET
QS8J1 ROHM-QS8J1 Datasheet
190Kb / 6P
   1.5V Drive PchPch MOSFET
US6J11 ROHM-US6J11_09 Datasheet
239Kb / 5P
   1.5V Drive PchPch MOSFET
TT8J21 ROHM-TT8J21_09 Datasheet
201Kb / 6P
   1.5V Drive PchPch MOSFET
QS8J11 ROHM-QS8J11 Datasheet
1Mb / 7P
   1.5V Drive Pch Pch MOSFET
RZL025P01 ROHM-RZL025P01 Datasheet
209Kb / 6P
   1.5V Drive Pch MOSFET
RZR040P01 ROHM-RZR040P01 Datasheet
223Kb / 5P
   1.5V Drive Pch MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com