Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RMW150N03 Datasheet(PDF) 3 Page - Rohm

Part # RMW150N03
Description  4.5V Drive Nch MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RMW150N03 Datasheet(HTML) 3 Page - Rohm

  RMW150N03 Datasheet HTML 1Page - Rohm RMW150N03 Datasheet HTML 2Page - Rohm RMW150N03 Datasheet HTML 3Page - Rohm RMW150N03 Datasheet HTML 4Page - Rohm RMW150N03 Datasheet HTML 5Page - Rohm RMW150N03 Datasheet HTML 6Page - Rohm RMW150N03 Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Data Sheet
RMW150N03
 
Electrical characteristic curves (Ta=25
C)
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
0
0.2
0.4
0.6
0.8
1
V
GS= 2.5V
V
GS= 3.0V
V
GS= 10V
V
GS= 4.5V
V
GS= 3.5V
Ta=25
°C
Pulsed
Fig.1 Typical Output Characteristics(Ⅰ)
DRAIN-SOURCE VOLTAGE : V
DS[V]
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
0
2
4
6
8
10
V
GS= 2.5V
V
GS= 10.0V
V
GS= 4.5V
V
GS= 3.5V
V
GS= 3.0V
Ta=25
°C
Pulsed
Fig.2 Typical Output Characteristics(Ⅱ)
DRAIN-SOURCE VOLTAGE : V
DS[V]
Fig.3 Typical Transfer Characteristics
GATE-SOURCE VOLTAGE : V
GS[V]
1
10
100
0.01
0.1
1
10
100
.
V
GS= 4.5V
V
GS= 10V
Ta=25
°C
Pulsed
Fig.4 Static Drain-Source On-State
Resistance vs. Drain Current(Ⅰ)
DRAIN-CURRENT : I
D[A]
1
10
100
0.01
0.1
1
10
100
V
GS= 10V
Pulsed
Ta=125
°C
Ta=75
°C
Ta=25
°C
Ta=
-25°C
Fig.5 Static Drain-Source On-State
Resistance vs. Drain Current(Ⅱ)
DRAIN-CURRENT : I
D[A]
1
10
100
0.01
0.1
1
10
100
V
GS= 4.5V
Pulsed
Ta=125
°C
Ta=75
°C
Ta=25
°C
Ta=
-25°C
Fig.6 Static Drain-Source On-State
Resistance vs. Drain Current(Ⅲ)
DRAIN-CURRENT : I
D[A]
0.001
0.01
0.1
1
10
100
0
1
2
3
4
V
DS= 10V
Pulsed
Ta=125
°C
Ta=75
°C
Ta=25
°C
Ta=
-25°C
3/6
2011.03 - Rev.A


Similar Part No. - RMW150N03

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
RMW150N03 VBSEMI-RMW150N03 Datasheet
1Mb / 7P
   N-Channel 30 V (D-S) MOSFET
More results

Similar Description - RMW150N03

ManufacturerPart #DatasheetDescription
logo
Rohm
RMW130N03 ROHM-RMW130N03 Datasheet
1Mb / 7P
   4.5V Drive Nch MOSFET
RMW280N03 ROHM-RMW280N03 Datasheet
1Mb / 7P
   4.5V Drive Nch MOSFET
RMW180N03 ROHM-RMW180N03 Datasheet
1Mb / 7P
   4.5V Drive Nch MOSFET
RMW200N03 ROHM-RMW200N03 Datasheet
1Mb / 7P
   4.5V Drive Nch MOSFET
US6K1 ROHM-US6K1_09 Datasheet
193Kb / 4P
   2.5V Drive NchNch MOSFET
SH8K5 ROHM-SH8K5_09 Datasheet
175Kb / 4P
   4V Drive NchNch MOSFET
QS8K13 ROHM-QS8K13 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
SH8K11 ROHM-SH8K11 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
SH8K32 ROHM-SH8K32 Datasheet
182Kb / 5P
   4V Drive NchNch MOSFET
UM6K34N ROHM-UM6K34N Datasheet
1Mb / 7P
   0.9V Drive Nch Nch MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com