Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFU10TF6S Datasheet(PDF) 1 Page - Rohm

Part # RFU10TF6S
Description  Super Fast Recovery Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RFU10TF6S Datasheet(HTML) 1 Page - Rohm

  RFU10TF6S_11 Datasheet HTML 1Page - Rohm RFU10TF6S_11 Datasheet HTML 2Page - Rohm RFU10TF6S_11 Datasheet HTML 3Page - Rohm RFU10TF6S_11 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data Sheet
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Super Fast Recovery Diode
RFU10TF6S
Series
Dimentions(Unit : mm)
Structure
Ultra Fast Recovery
Applications
General rectification
Features
1)Single type.(TO-220)
2)Ultra High switching speed
Construction
Silicon epitaxial plnner
Absolute maximum ratings(Tc=25
C)
Symbol
VRM
VR
Average rectified forward current
Io
Tc=50
C
Tj
Tstg
Electrical characteristics(Tj=25
C)
Symbol
Min.
Unit
Forward voltage
VF
-V
Reverse current
IR
-
μA
Reverse recovery time
trr
-
ns
Thermal Resistance
Rth(j-c)
-
C / W
Storage temperature
55 to 150
C
A
one cycle peak value, Tj=25
C
Junction temperature
150
C
Forward current surge peak
IFSM
60Hz half sin wave, Non-repetitive
100
60Hz half sin wave, Resistance load,
10
A
Reverse voltage
Direct voltage
600
V
Repetitive peak reverse voltage
Duty≦0.5
600
V
Parameter
Conditions
Limits
Unit
junction to case
-
3.5
10
IF=0.5A,IR=1A,Irr=0.25×IR
16
25
VR=600V
0.03
Parameter
Max.
IF=10A
2.3
2.8
Conditions
Typ.
(1)
(3)
(1)
(3)
1/3
2011.06 - Rev.A


Similar Part No. - RFU10TF6S_11

ManufacturerPart #DatasheetDescription
logo
Rohm
RFU10TF6S ROHM-RFU10TF6S_10 Datasheet
309Kb / 4P
   Super Fast Recovery Diode
More results

Similar Description - RFU10TF6S_11

ManufacturerPart #DatasheetDescription
logo
Rohm
RF2L6S ROHM-RF2L6S Datasheet
318Kb / 3P
   Super Fast Recovery Diode
RF505B6S ROHM-RF505B6S Datasheet
447Kb / 4P
   Super Fast Recovery Diode
logo
Shindengen Electric Mfg...
DF10LC30 SHINDENGEN-DF10LC30 Datasheet
558Kb / 2P
   Super Fast Recovery Diode
M2FL20U SHINDENGEN-M2FL20U Datasheet
605Kb / 2P
   Super Fast Recovery Diode
logo
Rohm
RFU20TM5S ROHM-RFU20TM5S_11 Datasheet
1,019Kb / 4P
   Super Fast Recovery Diode
RFUS20TM4S ROHM-RFUS20TM4S_11 Datasheet
993Kb / 4P
   Super Fast Recovery Diode
RFU20TM5S ROHM-RFU20TM5S Datasheet
303Kb / 4P
   Super Fast Recovery Diode
RFN10NS3S ROHM-RFN10NS3S Datasheet
1Mb / 5P
   Super Fast Recovery Diode
RFU02VS6S ROHM-RFU02VS6S Datasheet
1Mb / 5P
   Super Fast Recovery Diode
RFUS10TF4S ROHM-RFUS10TF4S Datasheet
1Mb / 5P
   Super Fast Recovery Diode
RFUS20NS4S ROHM-RFUS20NS4S_11 Datasheet
1Mb / 5P
   Super Fast Recovery Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com