Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH28F160BGH-TL Datasheet(PDF) 10 Page - Sharp Corporation

Part # LH28F160BGH-TL
Description  16 M-bit (1 MB x 16) Smart 3 Flash Memories
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH28F160BGH-TL Datasheet(HTML) 10 Page - Sharp Corporation

Back Button LH28F160BGH-TL Datasheet HTML 6Page - Sharp Corporation LH28F160BGH-TL Datasheet HTML 7Page - Sharp Corporation LH28F160BGH-TL Datasheet HTML 8Page - Sharp Corporation LH28F160BGH-TL Datasheet HTML 9Page - Sharp Corporation LH28F160BGH-TL Datasheet HTML 10Page - Sharp Corporation LH28F160BGH-TL Datasheet HTML 11Page - Sharp Corporation LH28F160BGH-TL Datasheet HTML 12Page - Sharp Corporation LH28F160BGH-TL Datasheet HTML 13Page - Sharp Corporation LH28F160BGH-TL Datasheet HTML 14Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
- 10 -
LH28F160BG-TL/BGH-TL
The CUI does not occupy an addressable memory
location. It is written when WE# and CE# are
active. The address and data needed to execute a
command are latched on the rising edge of WE# or
CE#
(whichever
goes
high
first).
Standard
microprocessor write timings are used. Fig. 10 and
Fig. 11 illustrate WE# and CE# controlled write
operations.
4 COMMAND DEFINITIONS
When the VPP
≤ VPPLK, read operations from the
status register, identifier codes, or blocks are
enabled.
Device operations are selected by writing specific
commands into the CUI. Table 2 defines these
commands.
Table 1
Bus Operations
MODE
NOTE
RP#
CE#
OE#
WE#
ADDRESS
VPP
DQ0-15
RY/BY#
Read
1, 2, 3, 8 VIH or VHH
VIL
VIL
VIH
XX
DOUT
X
Output Disable
3
VIH or VHH
VIL
VIH
VIH
X
X
High Z
X
Standby
3
VIH or VHH
VIH
XXXX
High Z
X
Deep Power-Down
4
VIL
XXXXX
High Z
High Z
Read Identifier Codes
8
VIH or VHH
VIL
VIL
VIH
See Fig. 2
X(NOTE 5)
High Z
Write
3, 6, 7, 8 VIH or VHH
VIL
VIH
VIL
XX
DIN
X
NOTES :
1.
Refer to Section 6.2.3 "DC CHARACTERISTICS".
When VPP
≤ VPPLK, memory contents can be read, but
not altered.
2.
X can be VIL or VIH for control pins and addresses, and
VPPLK or VPPH1/2 for VPP. See Section 6.2.3 "DC
CHARACTERISTICS" for VPPLK and VPPH1/2 voltages.
3.
RY/BY# is VOL when the WSM is executing internal
block erase or word write algorithm. It is high-impedance
when the WSM is not busy, in block erase suspend
mode (with word write inactive), word write suspend
mode or deep power-down mode.
4.
RP# at GND±0.2 V ensures the lowest deep power-
down current.
5.
See Section 4.2 for read identifier code data.
6.
VIH < RP# < VHH produce spurious results and should
not be attempted.
7.
Refer to Table 2 for valid DIN during a write operation.
8.
Don’t use the timing both OE# and WE# are VIL.


Similar Part No. - LH28F160BGH-TL

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F160BHE-TTL90 SHARP-LH28F160BHE-TTL90 Datasheet
672Kb / 46P
   16M (x8/x16) Flash Memory
LH28F160BJE-BTL90 SHARP-LH28F160BJE-BTL90 Datasheet
225Kb / 47P
   Flash Memory 16M (1M 횞 16 / 2M 횞 8)
LH28F160BJE-TTL90 SHARP-LH28F160BJE-TTL90 Datasheet
534Kb / 46P
   16M (x8/x16) Flash Memory
LH28F160BJHE-TTL90 SHARP-LH28F160BJHE-TTL90 Datasheet
2Mb / 47P
   Flash Memory 16M (1M 횞 16/2M 횞 8)
More results

Similar Description - LH28F160BGH-TL

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F160S5-L SHARP-LH28F160S5-L Datasheet
366Kb / 55P
   16 M-bit (2 MB x 8/1 MB x 16) Smart 5 Flash Memories (Fast Programming)
H28F008SC-V SHARP-H28F008SC-V Datasheet
262Kb / 40P
   M-bit (1 MB x 8) Smart 5 Flash Memories
LH28F016SC-L SHARP-LH28F016SC-L Datasheet
306Kb / 44P
   16 M-bit (2 MB x 8) SmartVoltage Flash Memories
LH28F320S3TD-L10 SHARP-LH28F320S3TD-L10 Datasheet
291Kb / 51P
   32 M-bit (2 MB x 8/1 MB x 16 x 2-Bank) Smart 3 Dual Work Flash Memory
LH28F800BGB-L SHARP-LH28F800BGB-L Datasheet
275Kb / 43P
   8 M-bit (512 kB x 16) SmartVoltage Flash Memories
LH28F800BGHE-TL85 SHARP-LH28F800BGHE-TL85 Datasheet
275Kb / 43P
   8 M-bit (512 kB x 16) SmartVoltage Flash Memories
LH28F800SG-L SHARP-LH28F800SG-L Datasheet
321Kb / 45P
   8 M-bit (512 kB x 16) SmartVoltage Flash Memories
LH28F800BG-L SHARP-LH28F800BG-L Datasheet
275Kb / 43P
   8 M-bit (512 kB x 16) SmartVoltage Flash Memories
logo
Cypress Semiconductor
S29AL016J CYPRESS-S29AL016J Datasheet
701Kb / 58P
   16 Mbit (2 M x 8-Bit/1 M x 16-Bit), 3 VBoot Sector Flash
logo
Sharp Corporation
LH28F008SC-V SHARP-LH28F008SC-V Datasheet
266Kb / 40P
   8 M-bit (1 MB x 8) Smart 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com