Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RB876W Datasheet(PDF) 1 Page - Rohm

Part # RB876W
Description  Shottky barrier diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RB876W Datasheet(HTML) 1 Page - Rohm

  RB876W Datasheet HTML 1Page - Rohm RB876W Datasheet HTML 2Page - Rohm RB876W Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Data Sheet
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Shottky barrier diode
RB876W
Applications
Dimensions (Unit : mm)
Land size figure (Unit : mm)
High frequency detection
Features
1) Ultra small mold type. (EMD3)
2) Low Ct and high detection efficiency.
Construction
Structure
Silicon epitaxial planar
Taping specifications (Unit : mm)
Absolute maximum ratings (Ta=25°C)
Symbol
Unit
VR
V
Io
mA
Tj
°C
Tstg
°C
Electrical characteristics (Ta=25°C)
Symbol
Min.
Typ.
Max.
Unit
VF
-
-
0.35
V
IF=1mA
IR
-
-
120
μA
VR=5V
Ct
-
0.53
0.80
pF
VR=1V, f=1MHz
Capacitance between terminals
Conditions
(*1) Rating of per diode
Parameter
Forward voltage
Reverse current
Junction temperature
125
Storage temperature
40 to 125
Average rectified forward current (*1)
10
Parameter
Limits
Reverse voltage
5
EMD3
1.0
0.5
0.5
0.7
0.6
0.6
4.0±0.1
2.0±0.05
φ1.55±0.1
      0
φ0.5±0.1
0.3±0.1
1.8±0.1
0.9±0.2
φ
1.5
0.1
0
ROHM : EMD3
JEITA : SC-75A
JEDEC : SOT-416
dot (year week factory)
(3)
1.6± 0.2
1.0±0.1
0.5
0.5
(2)
(1)
0.15±0.05
0.7±0.1
0.55±0.1
0~0.1
0.2±0.1
  -0.05
0.3±0.1
    0.05
1/2
2011.04 - Rev.B


Similar Part No. - RB876W

ManufacturerPart #DatasheetDescription
logo
Rohm
RB876W ROHM-RB876W Datasheet
71Kb / 3P
   Schottky barrier diode
RB876W ROHM-RB876W Datasheet
1Mb / 7P
   Detection Schottky Diodes
RB876W ROHM-RB876W_15 Datasheet
1Mb / 7P
   Detection Schottky Diodes
More results

Similar Description - RB876W

ManufacturerPart #DatasheetDescription
logo
Rohm
RSX051VA-30 ROHM-RSX051VA-30_1 Datasheet
143Kb / 4P
   Shottky barrier diode
logo
Nihon Inter Electronics...
TCH20A15 NIEC-TCH20A15 Datasheet
54Kb / 6P
   Shottky Barrier Diode
logo
Rohm
RB491DT146 ROHM-RB491DT146 Datasheet
344Kb / 4P
   Shottky barrier diode
RB480K ROHM-RB480K_1 Datasheet
205Kb / 4P
   Shottky barrier diode
RSX071VA-30 ROHM-RSX071VA-30 Datasheet
65Kb / 3P
   Shottky barrier diode
RB451F_ ROHM-RB451F_ Datasheet
189Kb / 4P
   Shottky barrier diode
logo
Guangdong Kexin Industr...
RB715F KEXIN-RB715F Datasheet
42Kb / 1P
   Shottky barrier diode
logo
Kyocera Kinseki Corpota...
UCQS20A045 KSS-UCQS20A045 Datasheet
1Mb / 7P
   Shottky Barrier Diode
logo
Rohm
RB420DFH ROHM-RB420DFH Datasheet
761Kb / 6P
   Shottky barrier diode
RB491D ROHM-RB491D_15 Datasheet
336Kb / 7P
   Shottky barrier diode
logo
Fuji Electric
ERA82-004 FUJI-ERA82-004 Datasheet
74Kb / 4P
   SHOTTKY BARRIER DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com