Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RB531S-30 Datasheet(PDF) 1 Page - Rohm

Part # RB531S-30
Description  Schottky Barrier Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RB531S-30 Datasheet(HTML) 1 Page - Rohm

  RB531S-30_11 Datasheet HTML 1Page - Rohm RB531S-30_11 Datasheet HTML 2Page - Rohm RB531S-30_11 Datasheet HTML 3Page - Rohm RB531S-30_11 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data Sheet
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Schottky Barrier Diode
RB531S-30
Applications
Dimensions(Unit : mm)
Land size figure(Unit : mm)
General rectification
Features
1)Ultra small mold type.(EMD2)
2)Low VF
3)High reliability
Construction
Silicon epitaxial planer

Structure
Taping specifications(Unit : mm)
Absolute maximum ratings(Ta=25
C)
Symbol
Unit
VR
V
Io
mA
IFSM
mA
Tj
C
Tstg
C
Electical voltage(Ta=25
C)
Symbol
Min.
Typ.
Max.
Unit
Conditions
Forward voltage
VF
-
-
0.35
V
IF=10mA
IR
--
10
μA
VR=10V
Junction temperature
125
Storage temperature
-40to+125
Parameter
Reverse current
Parameter
Limits
Reverse voltage(DC)
30
Average rectified forward current
100
Forward current surge peak(60Hz/1cyc)
500
ROHM : EMD2
JEITA : SC-79
JEDEC :SOD-523
dot (year week factory)
0.12±0.05
0.6±0.1
0.3±0.05
0.8±0.05
N
EMD2
0.8
0.95±0.06
0
4.0±0.1
4.0±0.1
2.0±0.05
φ1.5±0.05
0.2±0.05
0.76±0.05
φ0.5
2.0±0.05
空ポケット
0.2
φ
1.55
±0.05
0.90
±0.05
0.75
±0.05
Empty pocket
1/3
2011.03 - Rev.B


Similar Part No. - RB531S-30_11

ManufacturerPart #DatasheetDescription
logo
Rohm
RB531S-30TE61 ROHM-RB531S-30TE61 Datasheet
401Kb / 4P
   Schottky Barrier Diode
More results

Similar Description - RB531S-30_11

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com