Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH28F016SCH-L Datasheet(PDF) 10 Page - Sharp Corporation

Part # LH28F016SCH-L
Description  16 M-bit (2 MB x 8) SmartVoltage Flash Memories
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH28F016SCH-L Datasheet(HTML) 10 Page - Sharp Corporation

Back Button LH28F016SCH-L Datasheet HTML 6Page - Sharp Corporation LH28F016SCH-L Datasheet HTML 7Page - Sharp Corporation LH28F016SCH-L Datasheet HTML 8Page - Sharp Corporation LH28F016SCH-L Datasheet HTML 9Page - Sharp Corporation LH28F016SCH-L Datasheet HTML 10Page - Sharp Corporation LH28F016SCH-L Datasheet HTML 11Page - Sharp Corporation LH28F016SCH-L Datasheet HTML 12Page - Sharp Corporation LH28F016SCH-L Datasheet HTML 13Page - Sharp Corporation LH28F016SCH-L Datasheet HTML 14Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
LH28F016SC-L/SCH-L
3.6
Write
Writing commands to the CUI enable reading of
device data and identifier codes. They also control
inspection and clearing of the status register. When
VPP = VPPH1/2/3, the CUI additionally controls
block erasure, byte write, and lock-bit configuration.
The Block Erase command requires appropriate
command data and an address within the block to
be erased. The Byte Write command requires the
command and address of the location to be written.
Set Master and Block Lock-Bit commands require
the command and address within the device
(Master Lock) or block within the device (Block
Lock) to be locked. The Clear Block Lock-Bits
command requires the command and address
within the device.
The CUI does not occupy an addressable memory
location. It is written when WE# and CE# are
active. The address and data needed to execute a
command are latched on the rising edge of WE# or
CE#
(whichever
goes
high
first).
Standard
microprocessor write timings are used. Fig. 14 and
Fig. 15 illustrate WE# and CE#-controlled write
operations.
4 COMMAND DEFINITIONS
When the VPP voltage
≤ VPPLK, read operations
from the status register, identifier codes, or blocks
are enabled. Placing VPPH1/2/3 on VPP enables
successful block erase, byte write and lock-bit
configuration operations.
Device operations are selected by writing specific
commands into the CUI. Table 3 defines these
commands.
- 10 -
Table 2
Bus Operations
MODE
NOTE
RP#
CE#
OE#
WE#
ADDRESS
VPP
DQ0-7
RY/BY#
Read
1, 2, 3, 8 VIH or VHH
VIL
VIL
VIH
XX
DOUT
X
Output Disable
3
VIH or VHH
VIL
VIH
VIH
X
X
High Z
X
Standby
3
VIH or VHH
VIH
XXXX
High Z
X
Deep Power-Down
4
VIL
XXXXX
High Z
VOH
Read Identifier Codes
8
VIH or VHH
VIL
VIL
VIH
See Fig. 2
X(NOTE 5)
VOH
Write
3, 6, 7, 8 VIH or VHH
VIL
VIH
VIL
XX
DIN
X
NOTES :
1.
Refer to Section 6.2.3 "DC CHARACTERISTICS".
When VPP
≤ VPPLK, memory contents can be read, but
not altered.
2.
X can be VIL or VIH for control pins and addresses, and
VPPLK or VPPH1/2/3 for VPP. See Section 6.2.3 "DC
CHARACTERISTICS" for VPPLK and VPPH1/2/3 voltages.
3.
RY/BY# is VOL when the WSM is executing internal
block erase, byte write, or lock-bit configuration
algorithms. It is VOH during when the WSM is not busy,
in block erase suspend mode (with byte write inactive),
byte write suspend mode, or deep power-down mode.
4.
RP# at GND±0.2 V ensures the lowest deep power-
down current.
5.
See Section 4.2 for read identifier code data.
6.
Command writes involving block erase, byte write, or
lock-bit configuration are reliably executed when VPP =
VPPH1/2/3 and VCC = VCC2/3/4. Block erase, byte write, or
lock-bit configuration with VCC < 3.0 V or VIH < RP# <
VHH produce spurious results and should not be
attempted.
7.
Refer to Table 3 for valid DIN during a write operation.
8.
Don't use the timing both OE# and WE# are VIL.


Similar Part No. - LH28F016SCH-L

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F016SCH-L SHARP-LH28F016SCH-L Datasheet
1Mb / 43P
   16-MBIT(2 MB x 8) SmartVoltage Flash MEMORY
More results

Similar Description - LH28F016SCH-L

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F800BGB-L SHARP-LH28F800BGB-L Datasheet
275Kb / 43P
   8 M-bit (512 kB x 16) SmartVoltage Flash Memories
LH28F800BGHE-TL85 SHARP-LH28F800BGHE-TL85 Datasheet
275Kb / 43P
   8 M-bit (512 kB x 16) SmartVoltage Flash Memories
LH28F800SG-L SHARP-LH28F800SG-L Datasheet
321Kb / 45P
   8 M-bit (512 kB x 16) SmartVoltage Flash Memories
LH28F800BG-L SHARP-LH28F800BG-L Datasheet
275Kb / 43P
   8 M-bit (512 kB x 16) SmartVoltage Flash Memories
LH28F016SCH SHARP-LH28F016SCH Datasheet
1Mb / 43P
   16-MBIT(2 MB x 8) SmartVoltage Flash MEMORY
LH28F160S5-L SHARP-LH28F160S5-L Datasheet
366Kb / 55P
   16 M-bit (2 MB x 8/1 MB x 16) Smart 5 Flash Memories (Fast Programming)
LH28F160BG-TL SHARP-LH28F160BG-TL Datasheet
225Kb / 36P
   16 M-bit (1 MB x 16) Smart 3 Flash Memories
H28F008SC-V SHARP-H28F008SC-V Datasheet
262Kb / 40P
   M-bit (1 MB x 8) Smart 5 Flash Memories
LH28F800SG SHARP-LH28F800SG Datasheet
286Kb / 42P
   8 M-bit (512 kB x 16) SmartVoltage Flash Memory
LH28F800BG SHARP-LH28F800BG Datasheet
242Kb / 40P
   8 M-bit (512 kB x 16) SmartVoltage Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com