Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RB162VA-20 Datasheet(PDF) 1 Page - Rohm

Part # RB162VA-20
Description  Schottky barrier Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RB162VA-20 Datasheet(HTML) 1 Page - Rohm

  RB162VA-20_11 Datasheet HTML 1Page - Rohm RB162VA-20_11 Datasheet HTML 2Page - Rohm RB162VA-20_11 Datasheet HTML 3Page - Rohm RB162VA-20_11 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data Sheet
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Schottky barrier Diode
RB162VA-20
Applications
Dimensions (Unit : mm)
Land size figure (Unit : mm)
General rectification
Feature
1)Small mold type (TUMD2)
2)Low VF
3)High reliability
Structure
Structure
Silicon epitaxial planer
Taping specifications (Unit : mm)
Absolute maximum ratings (Ta=25
C)
Symbol
Unit
VRM
V
VR
V
Io
A
IFSM
A
Tj
C
Tstg
C
Electrical characteristics (Ta=25
C)
Symbol
Min.
Typ.
Max.
Unit
Conditions
Forward voltage
VF
-
0.36
0.4
V
IF=1.0A
IR
-
0.3
1.2
mA
VR=20V
Parameter
Limits
Junction temperature
125
Reverse voltage (repetitive)
25
Reverse voltage (DC)
20
Forward current surge peak (60Hz/1cyc)
5.0
Average rectified forward current
1.0
Parameter
Reverse current
Storage temperature
40 to 125
1.1
TUMD2
0.17
+0.1
−0.05
0.6
+0.2
−0.1
1/3
2011.04 - Rev.A


Similar Part No. - RB162VA-20_11

ManufacturerPart #DatasheetDescription
logo
Rohm
RB162VA-20TR ROHM-RB162VA-20TR Datasheet
358Kb / 4P
   Schottky barrier Diode
More results

Similar Description - RB162VA-20_11

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com