Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RB160M-40 Datasheet(PDF) 1 Page - Rohm

Part # RB160M-40
Description  Schottky Barrier Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RB160M-40 Datasheet(HTML) 1 Page - Rohm

  RB160M-40 Datasheet HTML 1Page - Rohm RB160M-40 Datasheet HTML 2Page - Rohm RB160M-40 Datasheet HTML 3Page - Rohm RB160M-40 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data Sheet
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Schottky Barrier Diode
RB160M-40
Applications
Dimensions (Unit : mm)
Land size figure (Unit : mm)
General rectification
Features
1)Small power mold type.(PMDU)
2)Low IR
3)High reliability
Construction
Silicon epitaxial
Structure
Taping specifications (Unit : mm)
Absolute maximum ratings (Ta=25°C)
Symbol
Unit
VRM
V
VR
V
Io
A
IFSM
A
Tj
C
Tstg
C
Electrical characteristic (Ta=25°C)
Symbol
Min.
Typ.
Max.
Unit
Forward voltage
VF
-
0.46
0.51
V
IF=1.0A
Reverse current
IR
-
4.0
30
μA
VR=40V
Conditions
Storage temperature
40 to 150
(*1)Mounted on epoxy board. 180°Half sine wave
Parameter
Forward current surge peak (60Hz・1cyc)
30
Junction temperature
150
Reverse voltage (DC)
40
Average rectified forward current
1
Parameter
Limits
Reverse voltage (repetitive)
40
PMDU
1.2
4.0±0.1
2.0±0.05
φ1.55±0.05
1.81±0.1
4.0±0.1
φ1.0±0.1
0.25±0.05
1.5MAX
ROHM : PMDU
JEDEC :SOD-123
Manufacture Date
0.9±0.1
1.6±0.1
0.8±0.1
0.1±0.1
    0.05
1/3
2011.04 - Rev.E


Similar Part No. - RB160M-40

ManufacturerPart #DatasheetDescription
logo
Rohm
RB160M-40 ROHM-RB160M-40 Datasheet
47Kb / 3P
   Schottky barrier diode
RB160M-40 ROHM-RB160M-40 Datasheet
125Kb / 4P
   Schottky barrier diode
RB160M-40 ROHM-RB160M-40 Datasheet
146Kb / 4P
   Schottky barrier diode
RB160M-40 ROHM-RB160M-40 Datasheet
342Kb / 4P
   Schottky Barrier Diode
logo
Jiangsu Changjiang Elec...
RB160M-40 JIANGSU-RB160M-40 Datasheet
726Kb / 4P
   Schottky Barrier Diodes
More results

Similar Description - RB160M-40

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com