Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH28F008SA-85 Datasheet(PDF) 10 Page - Sharp Corporation

Part # LH28F008SA-85
Description  8M (1M 횞 8) Flash Memory
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH28F008SA-85 Datasheet(HTML) 10 Page - Sharp Corporation

Back Button LH28F008SA-85 Datasheet HTML 6Page - Sharp Corporation LH28F008SA-85 Datasheet HTML 7Page - Sharp Corporation LH28F008SA-85 Datasheet HTML 8Page - Sharp Corporation LH28F008SA-85 Datasheet HTML 9Page - Sharp Corporation LH28F008SA-85 Datasheet HTML 10Page - Sharp Corporation LH28F008SA-85 Datasheet HTML 11Page - Sharp Corporation LH28F008SA-85 Datasheet HTML 12Page - Sharp Corporation LH28F008SA-85 Datasheet HTML 13Page - Sharp Corporation LH28F008SA-85 Datasheet HTML 14Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
LH28F008SA
8M (1M × 8) Flash Memory
10
Read Array Command
Upon initial device powerup and after exit from deep
powerdown mode, the LH28F008SA defaults to Read
Array mode. This operation is also initiated by writing
FFH into the Command User Interface. Microprocessor
read cycles retrieve array data. The device remains en-
abled for reads until the Command User Interface con-
tents are altered. Once the internalWrite State Machine
has started a block erase or byte write operation, the
device will not recognize the Read Array command, until
the WSM has completed its operation. The Read Array
command is functional when VPP = VPPL or VPPH.
Intelligent Identifier Command
The LH28F008SA contains an intelligent identifier
operation, initiated by writing 90H into the Command
User Interface. Following the command write, a read
cycle from address 00000H retrieves the manufacturer
code of 89H. A read cycle from address 00001H
returns the device code of A2H. To terminate the opera-
tion, it is necessary to write another valid command into
the register. Like the Read Array command, the intelli-
gent identifier command is functional when VPP = VPPL
or VPPH.
Read Status Register Command
The LH28F008SA contains a Status Register which
may be read to determine when a byte write or block
erase operation is complete, and whether that opera-
tion completed successfully. The Status Register may
be read at any time by writing the Read Status Register
command (70H) to the Command User Interface. After
writing this command, all subsequent read operations
output data from the Status Register, until another valid
command is written to the Command User Interface.
The contents of the Status Register are latched on the
falling edge of OE
  » or CE  », whichever occurs last in the
read cycle. OE
  » or CE  » must to toggled to VIH before
further reads to update the Status Register latch.
The Read Status Register command functions when
VPP = VPPL or VPPH.
Clear Status Register Command
The Erase Status and Byte Write Status bits are set
to '1's by theWrite State Machine and can only be reset
by the Clear Status Register Command. These bits
indicate various failure conditions (see Status Register
Definitions). By allowing system software to control the
resetting of these bits, several operations may be per-
formed (such as cumulatively writing several bytes or
erasing multiple blocks in sequence). The Status Reg-
ister may then be polled to determine if an error
occurred during that sequence. This adds flexibility to
the way the device may be used.
Additionally, the VPP Status bit (SR.3) MUST be re-
set by system software before further byte writes or block
erases are attempted. To clear the Status Register, the
Clear Status Register command (50H) is written to the
Command User Interface. The Clear Status Register
command is functional when VPP = VPPL or VPPH.
Erase Setup/Erase Confirm Commands
Erase is executed one block at a time, initiated by a
two-cycle command sequence. An Erase Setup com-
mand (20H) is first written to the Command User Inter-
face, followed by the Erase Confirm command (D0H).
These commands require both appropriate sequenc-
ing and an address within the block to be erased to FFH.
Block preconditioning, erase and verify are all handled
internally by the Write State Machine, invisible to the
system. After the two-command erase sequence is writ-
ten to it, the LH28F008SA automatically outputs Status
Register data when read (see Block Erase Flowchart).
The CPU can detect the completion of the erase event
by analyzing the output of the RY
  »/BY  » pin, or the WSM
Status bit of the Status Register.
When erase is completed, the Erase Status bit should
be checked. If erase error is detected, the Status Reg-
ister should be cleared. The Command User Interface
remains in Read Status Register mode until further com-
mands are issued to it.
This two-step sequence of set-up followed by
execution insures that memory contents are not
accidentially erased. Also, reliable block erasure can only
occur when VPP = VPPH. In the absence of this high
voltage, memory contents are protected against era-
sure. If block erase is attempted while VPP = VPPL, the
VPP Status bit will be set to '1'. Erase attempts while
VPPL < VPP < VPPH produce spurious results and should
not be attempted.
Erase Suspend/Erase Resume Commands
The Erase Suspend command allows block erase
interruption in order to read data from another block of
memory. Once the erase process starts, writing the
Erase Suspend command (B0H) to the Command User
Interface requests that the WSM suspend the erase
sequence at a predetermined point in the erase algo-
rithm. The LH28F008SA continues to output Status
Register data when read, after the Erase Suspend com-
mand is written to it. Polling the WSM Status and Erase
Suspend Status bits will determined when the erase
operation has been suspended (both will be set to '1').
RY
  »/BY  » will also transition to VOH.


Similar Part No. - LH28F008SA-85

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F008SA SHARP-LH28F008SA Datasheet
294Kb / 35P
   4M (512K 횞 8, 256K 횞 16) Flash Memory
LH28F008SAHR SHARP-LH28F008SAHR Datasheet
1Mb / 29P
   8 MBIT(1 MBIT x 8)FLASH MEMORY
LH28F008SAR-85 SHARP-LH28F008SAR-85 Datasheet
1Mb / 34P
   8M Flash Memory 1M (x8)
LH28F008SAT SHARP-LH28F008SAT Datasheet
2Mb / 34P
   8 MBIT(1 MBIT x 8) FLASH MEMORY
LH28F008SAT-85 SHARP-LH28F008SAT-85 Datasheet
1Mb / 34P
   8M Flash Memory
More results

Similar Description - LH28F008SA-85

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F008SC SHARP-LH28F008SC Datasheet
349Kb / 38P
   8M (1M 횞 8) Flash Memory
LHF80V07 SHARP-LHF80V07 Datasheet
2Mb / 42P
   Flash Memory 8M (1M 횞 8/512K 횞 16)
LH28F800SU SHARP-LH28F800SU Datasheet
328Kb / 38P
   8M (512K 횞 16, 1M 횞 8) Flash Memory
LH28F800BJE-PTTL90 SHARP-LH28F800BJE-PTTL90 Datasheet
515Kb / 57P
   Flash Memory 8M (512K 횞 16/1M 횞 8)
LH28F008SCT-L85 SHARP-LH28F008SCT-L85 Datasheet
552Kb / 55P
   Flash Memory 8M (1MB 횞 8)
LHF08CH2 SHARP-LHF08CH2 Datasheet
3Mb / 47P
   Flash Memory 8M (1M 횞8)
LH28F016SU SHARP-LH28F016SU Datasheet
326Kb / 37P
   16M (1M 횞 16, 2M 횞 8) Flash Memory
LHF16J06 SHARP-LHF16J06 Datasheet
225Kb / 47P
   Flash Memory 16M (1M 횞 16 / 2M 횞 8)
LHF08CH3 SHARP-LHF08CH3 Datasheet
3Mb / 49P
   Flash Memory 8M (1M 횞8)
LHF08S50 SHARP-LHF08S50 Datasheet
1Mb / 34P
   8M Flash Memory 1M (x8)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com