Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RB060M-30 Datasheet(PDF) 2 Page - Rohm

Part # RB060M-30
Description  Schottky barrier diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RB060M-30 Datasheet(HTML) 2 Page - Rohm

  RB060M-30_11 Datasheet HTML 1Page - Rohm RB060M-30_11 Datasheet HTML 2Page - Rohm RB060M-30_11 Datasheet HTML 3Page - Rohm RB060M-30_11 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Data Sheet
RB060M-30
 
0
5
10
15
20
25
30
AVE:9.8ns
Ta=25℃
IF=0.5A
IR=1A
Irr=0.25*IR
n=10pcs
FORWARD VOLTAGE:VF(mV)
VF-IF CHARACTERISTICS
REVERSE VOLTAGE:VR(V)
VR-IR CHARACTERISTICS
REVERSE VOLTAGE:VR(V)
VR-Ct CHARACTERISTICS
VF DISPERSION MAP
IR DISPERSION MAP
Ct DISPERSION MAP
NUMBER OF CYCLES
IFSM-CYCLE CHARACTERISTICS
TIME:t(ms)
IFSM-t CHARACTERISTICS
TIME:t(s)
Rth-t CHARACTERISTICS
AVERAGE RECTIFIED
FORWARD CURRENT:Io(A)
Io-Pf CHARACTERISTICS
trr DISPERSION MAP
0.01
0.1
1
10
100
1000
10000
100000
1000000
0
5
10
15
20
25
30
Ta=125℃
Ta=75℃
Ta=25℃
Ta=-25℃
Ta=150℃
10
100
1000
0
5
10
15
20
25
30
f=1MHz
300
310
320
330
340
350
360
370
380
390
400
AVE:374.4pF
Ta=25℃
f=1MHz
VR=0V
n=10pcs
0
10
20
30
40
50
60
70
80
90
100
Ta=25℃
VR=30V
n=30pcs
AVE:7.26uA
420
430
440
450
460
470
AVE:449.1mV
Ta=25℃
IF=2A
n=30pcs
0
50
100
150
200
250
300
AVE:68.2A
8.3ms
Ifsm
1cyc
0
50
100
150
200
110
100
t
Ifsm
0
1
2
3
01
23
45
Sin(θ=180)
DC
D=1/2
0
10
20
30
40
50
60
70
80
90
100
110
100
8.3m
Ifsm
1cyc
8.3m
0.1
1
10
100
1000
0.001
0.1
10
1000
Rth(j-a)
Rth(j-c)
Mounted on epoxy board
1ms
IM=10mA
IF=0.5A
300us
time
IFSM DISPERSION MAP
0.001
0.01
0.1
1
10
0
100
200
300
400
500
600
Ta=-25℃
Ta=125℃
Ta=75℃
Ta=25℃
Ta=150℃
2/3
2011.04 - Rev.C


Similar Part No. - RB060M-30_11

ManufacturerPart #DatasheetDescription
logo
Rohm
RB060M-30DD ROHM-RB060M-30DD Datasheet
543Kb / 6P
   Schottky Barrier Diode
RB060M-30TR ROHM-RB060M-30TR Datasheet
347Kb / 4P
   Schottky barrier diode
RB060M-30 ROHM-RB060M-30_09 Datasheet
211Kb / 4P
   Schottky barrier diode
More results

Similar Description - RB060M-30_11

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com