Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH28F004SU Datasheet(PDF) 6 Page - Sharp Corporation

Part # LH28F004SU
Description  4Mbit(512Kbit x 8, 256 Kbit x 16) 5V Single Voltage Flash Memory
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH28F004SU Datasheet(HTML) 6 Page - Sharp Corporation

Back Button LH28F004SU Datasheet HTML 2Page - Sharp Corporation LH28F004SU Datasheet HTML 3Page - Sharp Corporation LH28F004SU Datasheet HTML 4Page - Sharp Corporation LH28F004SU Datasheet HTML 5Page - Sharp Corporation LH28F004SU Datasheet HTML 6Page - Sharp Corporation LH28F004SU Datasheet HTML 7Page - Sharp Corporation LH28F004SU Datasheet HTML 8Page - Sharp Corporation LH28F004SU Datasheet HTML 9Page - Sharp Corporation LH28F004SU Datasheet HTML 10Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image


Similar Part No. - LH28F004SU

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F004SU-LC SHARP-LH28F004SU-LC Datasheet
249Kb / 31P
   4M (512K 횞 8) Flash Memory
LH28F004SU-NC SHARP-LH28F004SU-NC Datasheet
246Kb / 31P
   4M (512K 횞 8) Flash Memory
LH28F004SU-Z1 SHARP-LH28F004SU-Z1 Datasheet
182Kb / 32P
   4M (512K 횞 8) Flash Memory
LH28F004SU-Z9 SHARP-LH28F004SU-Z9 Datasheet
188Kb / 31P
   4M (512 횞 8) Flash Memory
LH28F004SUT-NC80 SHARP-LH28F004SUT-NC80 Datasheet
246Kb / 31P
   4M (512K 횞 8) Flash Memory
More results

Similar Description - LH28F004SU

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F400SUHT SHARP-LH28F400SUHT Datasheet
2Mb / 41P
   4Mbit(512Kbit x 8,256 Kbit x 16) 5V Single Voltage Flash Memory
LH28F400SUN SHARP-LH28F400SUN Datasheet
2Mb / 43P
   4Mbit(512Kbit x 8,256Kbit x 16) 3.3V Flash Memory
LH28F016SUHT SHARP-LH28F016SUHT Datasheet
1Mb / 41P
   16Mbit(1Mbit x 16, 2Mbit x 8) 5V Single Voltage Flash Memory
logo
Eon Silicon Solution In...
EN29F512 EON-EN29F512 Datasheet
429Kb / 35P
   512 Kbit (64K x 8-bit) 5V Flash Memory
logo
Fujitsu Component Limit...
MB84VB2000 FUJITSU-MB84VB2000 Datasheet
314Kb / 28P
   8M (x 8/x 16) FLASH MEMORY & 8M (x 8/x 16) FLASH MEMORY
logo
Macronix International
MX29F800CBMI-70G MCNIX-MX29F800CBMI-70G Datasheet
785Kb / 48P
   8M-BIT [1024K x 8 / 512K x 16] SINGLE VOLTAGE 5V ONLY FLASH MEMORY
logo
Force Technologies Ltd
FT29F200CT FORCE-FT29F200CT Datasheet
2Mb / 49P
   2M-BIT [256K x 8 / 128K x 16] SINGLE VOLTAGE 5V ONLY FLASH MEMORY
logo
Macronix International
MX29F800C MCNIX-MX29F800C Datasheet
785Kb / 48P
   8M-BIT [1024K x 8 / 512K x 16] SINGLE VOLTAGE 5V ONLY FLASH MEMORY
logo
STMicroelectronics
M48T35_0708 STMICROELECTRONICS-M48T35_0708 Datasheet
258Kb / 29P
   5V, 256 Kbit (32 Kb x 8) TIMEKEEPER SRAM
logo
Macronix International
MX29F040CQC-70G MCNIX-MX29F040CQC-70G Datasheet
559Kb / 41P
   4M-BIT [512K x 8] SINGLE VOLTAGE 5V ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com