Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH28F004SU-LC Datasheet(PDF) 8 Page - Sharp Corporation

Part # LH28F004SU-LC
Description  4M (512K 횞 8) Flash Memory
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH28F004SU-LC Datasheet(HTML) 8 Page - Sharp Corporation

Back Button LH28F004SU-LC Datasheet HTML 4Page - Sharp Corporation LH28F004SU-LC Datasheet HTML 5Page - Sharp Corporation LH28F004SU-LC Datasheet HTML 6Page - Sharp Corporation LH28F004SU-LC Datasheet HTML 7Page - Sharp Corporation LH28F004SU-LC Datasheet HTML 8Page - Sharp Corporation LH28F004SU-LC Datasheet HTML 9Page - Sharp Corporation LH28F004SU-LC Datasheet HTML 10Page - Sharp Corporation LH28F004SU-LC Datasheet HTML 11Page - Sharp Corporation LH28F004SU-LC Datasheet HTML 12Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
LH28F004SU-LC
4M (512K × 8) Flash Memory
8
WSMS
ESS
ES
DWS
VPPS
R
R
R
765
43
2
1
0
Compatible Status Register
CSR.7 = WRITE STATE MACHINE STATUS (WSMS)
1 = Ready
0 = Busy
CSR.6 = ERASE-SUSPEND STATUS (ESS)
1 = Erase Suspended
0 = Erase in Progress/Completed
CSR.5 = ERASE STATUS (ES)
1 = Error in Block Erasure
0 = Successful Block Erase
CSR.4 = DATA-WRITE STATUS (DWS)
1 = Error in Data Write
0 = Data Write Successful
CSR.3 = VPP STATUS (VPPS)
1 = VPP Low Detect, Operation Abort
0 = VPP OK
NOTES:
1. RY
  »/BY  » output or WSMS bit must be checked to determine
completion of an operation (Erase Suspend, Erase or Data
Write) before the appropriate Status bit (ESS, ES or DWS)
is checked for success.
2. If DWS and ES are set to ‘1’ during an erase attempt, an
improper command sequence was entered. Clear the CSR
and attempt the operation again.
3. The VPPS bit, unlike an A/D converter, does not provide
continuous indication of VPP level. The WSM interrogates
VPP’s level only after the Data-Write or Erase command
sequences have been entered, and informs the system if
VPP has not been switched on. VPPS is not guaranteed to
report accurate feedback between VPPL and VPPH.
4. CSR.2 - CSR.0 = Reserved for future enhancements.
These bits are reserved for future use and should be
masked out when polling the CSR.
4M FLASH MEMORY
SOFTWARE ALGORITHMS
Overview
With the advanced Command User Interface, its
Performance Enhancement commands and Status Reg-
isters, the software code required to perform a given
operation may become more intensive but it will result
in much higher write/erase performance compared with
current flash memory architectures.
The software flowcharts describing how a given
operation proceeds are shown here. Figures 4 through
6 depict flowcharts using the 2nd generation flash
device in the LH28F008SA-compatible mode. Figures
7 through 12 depict flowcharts using the 2nd genera-
tion flash device’s performance enhancement com-
mands mode.
When the device power-up or the device is reset by
RP
  » pin, all blocks come up locked. Therefore, Word/
Byte Write, Two Byte Serial Write and Block Erase can
not be performed in each block. However, at that time,
Erase All Unlocked Block is performed normally, if used,
and reflect actual lock status, also the unlocked block
data is erased. When the device power-up or the device
is reset by RP
  » pin, Set Write Protect command must be
written to reflect actual block lock status.
Reset Write Protect command must be written be-
fore Write Block Lock command. To reflect actual block
lock status, Set Write Protect command is succeeded.
The Compatible Status Register (CSR) is used to
determine which blocks are locked. In order to see Lock
Status of a certain block, a Word/Byte Write command
(WA = Block Address, WD = FHH) is written to the CUI,
after issuing Set Write Protect command. If CSR.7,
CSR.5 and CSR.4 (WSMS, ES, and DWS) are set to
‘1’s, the block is locked. If CSR.7 is set to‘1’, the block is
not locked.
Reset Write Protect command enables Write/Erase
operation to each block.
In the case of Block Erase is performed, the block
lock information is also erased. Block Lock command
and Set Write Protect command must be written to pro-
hibit Write/Erase operation to each block.
There are unassigned commands. It is not recom-
mended that the customer use any command other than
the valid commands specified in “Command Bus Defi-
nitions”. Sharp reserved the right to redefine these codes
for future functions.


Similar Part No. - LH28F004SU-LC

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F004SU-NC SHARP-LH28F004SU-NC Datasheet
246Kb / 31P
   4M (512K 횞 8) Flash Memory
LH28F004SU-Z1 SHARP-LH28F004SU-Z1 Datasheet
182Kb / 32P
   4M (512K 횞 8) Flash Memory
LH28F004SU-Z9 SHARP-LH28F004SU-Z9 Datasheet
188Kb / 31P
   4M (512 횞 8) Flash Memory
More results

Similar Description - LH28F004SU-LC

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F040SUTD-Z4 SHARP-LH28F040SUTD-Z4 Datasheet
247Kb / 32P
   4M (512K 횞 8) Flash Memory
LH28F004SU-NC SHARP-LH28F004SU-NC Datasheet
246Kb / 31P
   4M (512K 횞 8) Flash Memory
LH28F004SU-Z1 SHARP-LH28F004SU-Z1 Datasheet
182Kb / 32P
   4M (512K 횞 8) Flash Memory
LH28F400SUB SHARP-LH28F400SUB Datasheet
277Kb / 34P
   4M (512K 횞 8, 256K 횞 16) Flash Memory
LH28F400SU-LC SHARP-LH28F400SU-LC Datasheet
299Kb / 37P
   4M (512K 횞 8, 256K 횞 16) Flash Memory
LH28F400SU-NC SHARP-LH28F400SU-NC Datasheet
294Kb / 35P
   4M (512K 횞 8, 256K 횞 16) Flash Memory
logo
Sanyo Semicon Device
LE28FV4001CTS-20 SANYO-LE28FV4001CTS-20 Datasheet
158Kb / 15P
   4M-Bit (512k 횞 8) Flash EEPROM
logo
Sharp Corporation
LH28F004SU-Z9 SHARP-LH28F004SU-Z9 Datasheet
188Kb / 31P
   4M (512 횞 8) Flash Memory
logo
Sanyo Semicon Device
LE28F4001CTS SANYO-LE28F4001CTS Datasheet
168Kb / 15P
   4M-Bit (512k 횞 8) Flash EEPROM
logo
Winbond
W39L040A WINBOND-W39L040A Datasheet
298Kb / 26P
   512K 횞 8 CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com