Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH1691 Datasheet(PDF) 1 Page - Sharp Corporation

Part # LH1691
Description  240-output TFT-LCD Gate Driver IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH1691 Datasheet(HTML) 1 Page - Sharp Corporation

  LH1691 Datasheet HTML 1Page - Sharp Corporation LH1691 Datasheet HTML 2Page - Sharp Corporation LH1691 Datasheet HTML 3Page - Sharp Corporation LH1691 Datasheet HTML 4Page - Sharp Corporation LH1691 Datasheet HTML 5Page - Sharp Corporation LH1691 Datasheet HTML 6Page - Sharp Corporation LH1691 Datasheet HTML 7Page - Sharp Corporation LH1691 Datasheet HTML 8Page - Sharp Corporation LH1691 Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP devices shown in
catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
1
DESCRIPTION
The LH1691 is a 240-output TFT-LCD gate driver
IC.
FEATURES
• Number of LCD drive outputs : 240
• LCD drive output sequence :
Output shift direction can be selected
OG1/OG240 or OG240/OG1
• Cascade connection :
Max. 2 cascades (internal counting system)
• Usable with both positive/negative power supplies
• Output mode selection
– Normal mode (1-pulse scanning)
– Continuous 2-pulse mode (2-pulse scanning)
– Jumping 2-pulse mode (2-pulse scanning)
• LCD drive voltage : +16.0 to +33.0 V
• Operating temperature : –30 to +85 ˚C
• Package : 258-pin TCP (Tape Carrier Package)
PIN CONNECTIONS
LH1691
LH1691
240-output TFT-LCD Gate Driver IC
OG238
OG239
OG240
238
239
240
OG1
OG2
OG3
1
2
3
VDD
VEE
VSS
VCC
VLS
TEST1
TEST2
CKV
SPV
CE
R/L
MODE1
MODE2
VLS
VCC
VSS
VEE
VDD
258
257
256
255
254
253
252
251
250
249
248
247
246
245
244
243
242
241
258-PIN TCP
TOP VIEW
NOTE :
Doesn't prescribe TCP outline.


Similar Part No. - LH1691

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH1692 SHARP-LH1692 Datasheet
116Kb / 16P
   300-output TFT-LCD Gate Driver IC
LH1694 SHARP-LH1694 Datasheet
123Kb / 10P
   256-output TFT-LCD Gate Driver IC
More results

Similar Description - LH1691

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16655 NEC-UPD16655 Datasheet
71Kb / 12P
   240-OUTPUT TFT-LCD GATE DRIVER
logo
Renesas Technology Corp
PD16655 RENESAS-PD16655_15 Datasheet
202Kb / 14P
   240-OUTPUT TFT-LCD GATE DRIVER
logo
NEC
UPD161641 NEC-UPD161641 Datasheet
135Kb / 15P
   240-OUTPUT TFT-LCD GATE DRIVER
UPD16704 NEC-UPD16704 Datasheet
78Kb / 14P
   240-OUTPUT TFT-LCD GATE DRIVER
logo
Renesas Technology Corp
PD16704 RENESAS-PD16704_15 Datasheet
215Kb / 16P
   240-OUTPUT TFT-LCD GATE DRIVER
logo
Sharp Corporation
LH1687 SHARP-LH1687 Datasheet
93Kb / 21P
   240-output TFT-LCD Source Driver IC
LH1694 SHARP-LH1694 Datasheet
123Kb / 10P
   256-output TFT-LCD Gate Driver IC
LH1692 SHARP-LH1692 Datasheet
116Kb / 16P
   300-output TFT-LCD Gate Driver IC
logo
NEC
UPD16635 NEC-UPD16635 Datasheet
136Kb / 19P
   240-OUTPUT TFT-LCD SOURCE DRIVER
UPD161830 NEC-UPD161830 Datasheet
232Kb / 23P
   240-OUTPUT TFT-LCD SOURCE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com