Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMR25HZPJU4L00 Datasheet(PDF) 3 Page - Rohm

Part # PMR25HZPJU4L00
Description  Ultra-Low Ohmic Resistors for Current Detection
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

PMR25HZPJU4L00 Datasheet(HTML) 3 Page - Rohm

  PMR25HZPJU4L00 Datasheet HTML 1Page - Rohm PMR25HZPJU4L00 Datasheet HTML 2Page - Rohm PMR25HZPJU4L00 Datasheet HTML 3Page - Rohm PMR25HZPJU4L00 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3/3
www.rohm.com
c
2011 ROHM Co., Ltd. All rights reserved.
2011.03 - Rev.E
Data Sheet
PMR25
Dimensions&Construction
0.50
1.95
2.50
0.52
0.52
0.42
0.32
0.32
0.90
1.00
0.80
0.90
0.90
3.20
No.
Resistive metal element(Ni-Cu/Ni-Cr Alloy)
Primary electrode(Cu)
Middle electrode(Ni)
External electrode(Sn)
Overcoat(Resin:Black)
Marking(Resin:Yellow)
Material
L
t
(The cross section)
±
L
0.20
±
W
0.20
±
t
0.15
±
a
0.20
±
c
0.20
±
b
0.20
1m
Ω
2m
Ω
3m
Ω
4m
Ω
5m
Ω
b
(Unit:mm)
W
(The Surface)
(The back)
2L00
a
c
Resistance
Measure
Part No. Explanation
Special part number
Packaging Specifications Code
Part No.
PM
2
R
Nominal resistance
HZP
Part No.
Resistance tolerance
J(
±5%)
Code
F(
±1%)
Embossed tape (4mm Pitch)
φ180mm (7in.)
Packaging specifications
Reel
2,000
Basic ordering unit (pcs)
Reel (
φ180) : Compatible with JEITA standard "EIAJ ET-7200B"
: Standard product
5
H Z P
J
V
Resistance tolerance
±1%
±5%
F
J
5m
Ω
1 to 4m
Ω
U
V
PMR25
F
J
:
:
4 digits
3 digits
Resistance code, 3 or 4 digits.
Resistance
tolerance
Resistance
code
Resistance
Value (
Ω)
1m
Ω
2m
Ω
3m
Ω
4m
Ω
5m
Ω
J
1L0
2L0
3L0
4L0
5L0
F
1L00
2L00
3L00
4L00
5L00
Resistance Tolerance
Packaging
C
AB
D
Label
AB
C
D
Reel
Taping
A0
P1
P0
P2
K
φD
EIAJ ET-7200B compliant
(Unit : mm)
(Unit : mm)
WF
E
A0
B0
D0
P0
P1
P2
K
8.0
±0.3
3.5
±0.05
1.75
±0.1
3.0
±0.1
3.5
±0.1
4.0
±0.1
4.0
±0.1
2.0
±0.05
Max. 1.1
φ180
0
−1.5
φ60
+1
0
9
+1.0
0
φ13±0.2
φ1.5 +0.1
0


Similar Part No. - PMR25HZPJU4L00

ManufacturerPart #DatasheetDescription
logo
Rohm
PMR25HZPJ ROHM-PMR25HZPJ Datasheet
994Kb / 8P
   Ultra-low ohmic jumper chip resistors
More results

Similar Description - PMR25HZPJU4L00

ManufacturerPart #DatasheetDescription
logo
Rohm
PMR50 ROHM-PMR50 Datasheet
98Kb / 3P
   Ultra low ohmic resistors for current detection
PMR10 ROHM-PMR10_10 Datasheet
167Kb / 5P
   Ultra-Low Ohmic Resistors for Current Detection
PMR03 ROHM-PMR03 Datasheet
115Kb / 3P
   Ultra low ohmic resistors for current detection
PMR25 ROHM-PMR25 Datasheet
95Kb / 3P
   Ultra low ohmic resistors for current detection
PMR100HZPFU6L00 ROHM-PMR100HZPFU6L00 Datasheet
83Kb / 3P
   Ultra-low Ohmic Resistors for Current Detection
PMR100-SERIES ROHM-PMR100-SERIES Datasheet
83Kb / 3P
   Ultra-low Ohmic Resistors for Current Detection
PMR03 ROHM-PMR03_11 Datasheet
937Kb / 4P
   Ultra low ohmic resistors for current detection
PMR18 ROHM-PMR18_11 Datasheet
151Kb / 4P
   Ultra-Low Ohmic Resistors for Current Detection
PMR100 ROHM-PMR100_11 Datasheet
937Kb / 4P
   Ultra-low Ohmic Resistors for Current Detection
PMR50 ROHM-PMR50_10 Datasheet
148Kb / 4P
   Ultra-low Ohmic Resistors for Current Detection
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com