Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PHM5601 Datasheet(PDF) 3 Page - Nihon Inter Electronics Corporation

Part # PHM5601
Description  560A 150V
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PHM5601 Datasheet(HTML) 3 Page - Nihon Inter Electronics Corporation

  PHM5601 Datasheet HTML 1Page - Nihon Inter Electronics Corporation PHM5601 Datasheet HTML 2Page - Nihon Inter Electronics Corporation PHM5601 Datasheet HTML 3Page - Nihon Inter Electronics Corporation PHM5601 Datasheet HTML 4Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MOSFET
MOSFET
MOSFET
MOSFET Module−Single
56
0 A,
150V
PHM5601
PHM5601
PHM5601
PHM5601
0
0.5
1
1.5
2
2.5
3
3.5
4
0
200
400
600
800
1000
1200
Drain to Source Voltage VDS (V)
Fig.1- Output Characteristics (Typical)
TC=25℃
4V
VGE=10V
3V
2V
8V
250μs PULSE TEST
0
246
8
10
12
14
16
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
Gate to Source Voltage VGS (V)
Fig.2- Drain to Source On Voltage
vs. Gate to Source Voltage (Typical)
TC=25℃
ID=140A
ID=280A
ID=560A
250μs PULSE TEST
-50
0
50
100
150
0
0.5
1
1.5
2
2.5
Junction Temperature Tj (℃)
Fig.3- Drain to Source On Voltage
vs. Junction Temperature (Typical)
VGS=10V
ID=140A
ID=280A
ID=560A
250μs PULSE TEST
0
500
1000
1500
2000
2500
3000
3500
4000
4500
0
2
4
6
8
10
12
14
16
Total Gate Charge Qg (nC)
Fig.5- Gate Charge vs. Gate to Source Voltage (Typical)
VDD=80V
ID=560A
VDD=40V
VDD=20V
1
2
5
10
20
50
100
200
0.1
0.2
0.5
1
2
5
10
20
50
100
Series Gate Impedance RG (Ω)
Fig.6- Series Gate Impedance vs. Switching Time (Typical)
VDD=80V
ID=280A
TC=25℃
tf
tr
td(on)
td(off)
0.5
1
2
5
10
20
50
80
0
25000
50000
75000
100000
125000
150000
Drain to Source Voltage VDS (V)
Fig.4- Capacitance vs. Drain to Source Voltage (Typical)
Ciss
Coss
Crss
VGS=0V
f=1MHZ
TC=25℃


Similar Part No. - PHM5601

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PHM5601 NIEC-PHM5601 Datasheet
129Kb / 4P
   MOSFET MODULE Single 560A/150V
More results

Similar Description - PHM5601

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PHM5601 NIEC-PHM5601 Datasheet
129Kb / 4P
   MOSFET MODULE Single 560A/150V
PHM8001 NIEC-PHM8001_1 Datasheet
119Kb / 5P
   800A 150V
logo
Sanyo Semicon Device
SB01-15CP SANYO-SB01-15CP Datasheet
27Kb / 3P
   150V, 100mA Rectifier
SB01-15NP SANYO-SB01-15NP Datasheet
56Kb / 2P
   150V, 100mA Rectifier
SB002-15SPA SANYO-SB002-15SPA Datasheet
55Kb / 2P
   150V, 20mA Rectifier
SB01-15C SANYO-SB01-15C Datasheet
48Kb / 3P
   150V, 100mA Rectifier
SB002-15CP SANYO-SB002-15CP Datasheet
55Kb / 2P
   150V, 20mA Rectifier
SB02-15 SANYO-SB02-15 Datasheet
57Kb / 2P
   150V, 200mA Rectifier
logo
Linear Technology
LTC3639 LINER-LTC3639 Datasheet
373Kb / 24P
   High Efficiency, 150V High Efficiency, 150V Step-Down Regulator
logo
Fairchild Semiconductor
FQB14N15 FAIRCHILD-FQB14N15 Datasheet
788Kb / 9P
   150V N-Channel MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com