Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BAS16WX Datasheet(PDF) 1 Page - Micro Commercial Components

Part No. BAS16WX
Description  High Speed Switching Diode 350mW
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BAS16WX Datasheet(HTML) 1 Page - Micro Commercial Components

  BAS16WX_11 Datasheet HTML 1Page - Micro Commercial Components BAS16WX_11 Datasheet HTML 2Page - Micro Commercial Components BAS16WX_11 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.090
.107
2.30
2.70
B
.063
.071
1.60
1.80
C
.045
.053
1.15
1.35
D
.031
.045
0.80
1.15
E
.010
.016
0.25
0.40
G
.004
.018
0.10
0.45
H
.004
.010
0.10
0.25
J
-----
.006
-----
0.15
Features
Fast Switching Speed
Surface Mount Package Ideally Suited for Automatic Insertion
For General Purpose Switching Applications
Marking: A6/T4
Polarity: Indicated by Cathode Band
Maximum Ratings @ 25
oC Unless Otherwise Specified
Non-Repetitive Peak Reverse Volt.
V
RM
85
V
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
V
RRM
V
RWM
V
R
75
V
RMS Reverse Voltage
V
R(RMS)
53
V
Forward Continuous Current(Note1)
I
FM
200
mA
Average Rectified Output Current
Io
100
mA
Non-Repetitive Peak @ t<=1.0s
Forward Surge Current @ t=10us
I
FSM
2
1
A
Power Dissipation(Note 1)
Pd
350
mW
Thermal Resistance(Note 1)
R
315
K/W
Operation/Storage Temp. Range
Tj, T
STG
-55 to
+150
oC
Electrical Characteristics @ 25
oC Unless Otherwise Specified
BAS16WX
0.022”
0.074"
0.027”
SUGGESTED SOLDER
PAD LAYOUT
A
B
E
C
J
D
H
G
SOD323
0.715
IF=1.0mA
Maximum Forward
VFM
0.855
V
IF=10mA
Voltage Drop
1
IF=50mA
1.25
IF=150mA
Maximum Peak
IRM
1.0
uA VR=75V Tj=25
o
C
Reverse Current
50
uA VR=75V Tj=150
o
C
Junction Capacitance
Cj
2
p F VR=0V, f=1.0MHz
Reverse Recovery Time
trr
6ns
IF=IR=10mA, Irr=0.1IR,
R L=100 OHM
High Speed
Switching Diode
350mW
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
www.mccsemi.com
Revision:
A
20
11/01/01
High Conductance
TM
Micro Commercial Components
1 of 3
Lead Free Finish/RoHS Compliant("P" Suffix
designates RoHS Compliant. See ordering information)
Mechanical Data
Notes:
1. Valid provided that terminals are kept at ambient temperature
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn