Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BAS16WX Datasheet(PDF) 2 Page - Micro Commercial Components

Part No. BAS16WX
Description  High Speed Switching Diode 350mW
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BAS16WX Datasheet(HTML) 2 Page - Micro Commercial Components

  BAS16WX_11 Datasheet HTML 1Page - Micro Commercial Components BAS16WX_11 Datasheet HTML 2Page - Micro Commercial Components BAS16WX_11 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BAS16WX
TA= 125
°C
TA=150
°C
Instantaneous Forward Current - Amperes
versus
Instantaneous Forward Voltage - Volts
Figure 1
Typical Forward Characteristics
100
MilliAmps
.2
.4
.6
.8
1.0
1.2
.1
1
10
Volts
Figure 2
Micro Commercial Components
Instantaneous Reverse Current - MicroAmperes
versus
Reverse Voltage - Volts
Volts
1
µA
0
50
10
20
30
40
.001
.01
.1
10
60
Diode Capacitance - pF
versus
Reverse Voltage - Volts
Figure 3
Diode Capacitance
04
6
8
2
0.52
0.56
0.64
0.68
pF
Volts
0.60
TA = 85
°C
TA = -40
°C
TA = 25
°C
TA = 85
°C
TA = 55
°C
TA = 25
°C
MCC
www.mccsemi.com
Revision: A
2011/01/01
TM
Typical Reverse Characteristics
2 of 3


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn