Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAP50-03 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # BAP50-03
Description  General Purpose Pin Diodes 200mW
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BAP50-03 Datasheet(HTML) 1 Page - Micro Commercial Components

  BAP50-03 Datasheet HTML 1Page - Micro Commercial Components BAP50-03 Datasheet HTML 2Page - Micro Commercial Components BAP50-03 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.090
.107
2.30
2.70
B
.063
.071
1.60
1.80
C
.045
.053
1.15
1.35
D
.031
.045
0.80
1.15
E
.010
.016
0.25
0.40
G
.004
.018
0.10
0.45
H
.004
.010
0.10
0.25
J
-----
.006
-----
0.15
BAP50-03
A
B
E
C
J
D
H
G
SOD-323
0.022”
0.074"
0.027”
SUGGESTED SOLDER
PAD LAYOUT
General
Purpose Pin Diodes
200mW
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
Parameter
Symbol
Limits
Unit
Continuous Reverse Voltage
VR
50
V
Forward Current
IF
50
mA
Power Dissipation(TA=90
oC)
PD
200
mW
Junction and Storage temperature
Tj,Pstg
-65~+150
Features
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
Epoxy meets UL 94 V-0 flammability rating
Low diode capacitance
Low diode forward resistance
MARKING: A81
Thermal Resistance Junction to
Revision:
A
20
11/01/01
1 of 3
TM
Micro Commercial Components
Moisture Sensitivity Level 1
Maximum Ratings @ 25°C Unless Otherwise Specified
Ambient
RthJA
85
K/W
Parameter
Symbol Min.
Max.
Unit
Conditions
Continuous reverse
VR
50
V
IR=10µA
Diode forward resistance
rD
5
IF=10mA , f=100MHz
Forward voltage
VF
1.1
V
IF=50mA
Reverse current
IR
100
nA
VR=50V
Diode capacitance
Cd3
0.35
pF
VR=5V,f=1MHz
Cd1
1.11
pF
VR=0V,f=1MHz
Cd2
0.55
pF
VR=1V,f=1MHz
rD
40
IF=0.5mA, f=100MHz
rD
25
IF=1mA , f=100MHz
voltage
Electrical Characteristics @ 25
°C Unless Otherwise Specified
www.mccsemi.com


Similar Part No. - BAP50-03

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAP50-03 PHILIPS-BAP50-03 Datasheet
60Kb / 8P
   General purpose PIN diode
1999 May 10
BAP50-03 PHILIPS-BAP50-03 Datasheet
60Kb / 8P
   General purpose PIN diode
1999 May 10
logo
Guangdong Kexin Industr...
BAP50-03 KEXIN-BAP50-03 Datasheet
57Kb / 2P
   General Purpose PIN Diode
logo
NXP Semiconductors
BAP50-03 NXP-BAP50-03 Datasheet
58Kb / 7P
   General purpose PIN diode
Rev. 04-11 September 2009
logo
SeCoS Halbleitertechnol...
BAP50-03 SECOS-BAP50-03 Datasheet
318Kb / 2P
   Small Signal General Purpose PiN Diode
More results

Similar Description - BAP50-03

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAP64-05W MCC-BAP64-05W Datasheet
487Kb / 3P
   General Purpose Pin Diodes 200mW
BAP50-03 MCC-BAP50-03_16 Datasheet
218Kb / 2P
   General Purpose Pin Diodes 200mW
BAP64-04W MCC-BAP64-04W_16 Datasheet
299Kb / 2P
   General Purpose Pin Diodes 200mW
logo
Jiangsu Changjiang Elec...
BAP51-02 JIANGSU-BAP51-02 Datasheet
593Kb / 4P
   GENERAL PURPOSE PIN DIODES
logo
Shenzhen Jin Yu Semicon...
BAP50-03 HTSEMI-BAP50-03 Datasheet
712Kb / 2P
   GENERAL PURPOSE PIN DIODES
BAP51-02 HTSEMI-BAP51-02 Datasheet
664Kb / 2P
   GENERAL PURPOSE PIN DIODES
logo
Jiangsu Changjiang Elec...
BAR64-02V JIANGSU-BAR64-02V Datasheet
618Kb / 4P
   GENERAL PURPOSE PIN DIODES
logo
SHIKUES Electronics
BAR64-02V SKTECHNOLGY-BAR64-02V Datasheet
612Kb / 3P
   GENERAL PURPOSE PIN DIODES
logo
Micro Commercial Compon...
BAP64-04 MCC-BAP64-04_16 Datasheet
303Kb / 2P
   General Purpose Pin Diodes 250mW
BAP64-06 MCC-BAP64-06_16 Datasheet
302Kb / 2P
   General Purpose Pin Diodes 250mW
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com