Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM339WPT Datasheet(PDF) 2 Page - Rohm

Part # LM339WPT
Description  SIGNATURE SERIES Comparators
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

LM339WPT Datasheet(HTML) 2 Page - Rohm

  LM339WPT Datasheet HTML 1Page - Rohm LM339WPT Datasheet HTML 2Page - Rohm LM339WPT Datasheet HTML 3Page - Rohm LM339WPT Datasheet HTML 4Page - Rohm LM339WPT Datasheet HTML 5Page - Rohm LM339WPT Datasheet HTML 6Page - Rohm LM339WPT Datasheet HTML 7Page - Rohm LM339WPT Datasheet HTML 8Page - Rohm LM339WPT Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Technical Note
2/17
LM393DT,LM393PT,LM393ST,LM393WDT,LM393WPT,
LM2903DT,LM2903PT,LM339DT,LM339PT,LM2901DT,LM2901PT
www.rohm.com
2011.06 - Rev.C
© 2011 ROHM Co., Ltd. All rights reserved.
Absolute Maximum Ratings (Ta=25℃)
Parameter
Symbol
Ratings
Unit
LM393 family
LM339 family
LM2903 family LM2901 family
Supply Voltage
Vcc
+-Vcc
36
V
Differential Input Voltage
Vid
±
36
V
Common-mode Input Voltage Range
Vicm
-
0.3 to +36
V
Operating Temperature Range
Topr
0 to +70
-
40 to +125
Storage Temperature Range
Tstg
-
65 to +150
Maximum Junction Temperature
Tjmax
+150
Electric Characteristics
LM393/339 family(Unless otherwise specified, Vcc
+=+5[V])
Parameter
Symbol
Temperature
range
Limits
Unit
Conditions
Fig.
No.
LM393 family
LM339 family
Min.
Typ.
Max.
Min.
Typ.
Max.
Input Offset Voltage (*1)
VIO
25℃
1
7
1
7
mV
Vcc
+=5 to 30[V],VO=1.4[V],
Vicm=0 to -1.5[V]
2
full range
9
9
Input Offset Current (*1)
IIO
25℃
5
50
5
50
nA
VO=1.4[V]
2
full range
150
150
Input Bias Current (*1)
IIB
25℃
25
250
25
250
nA
VO=1.4[V]
2
full range
400
400
Large Signal Voltage Gain
AVD
25℃
25
200
25
200
V/mV
Vcc
+=15[V],VO=1 to 11[V],
RL=15[kΩ]
2
Supply Current
(All Comparators)
ICC
25℃
0.4
1
1.1
2
mA
Vcc
+=5V,no load
3
full range
1
2.5
1.3
2.5
Vcc
+=30[V],no load
Input Common-mode
Voltage Range
VICM
25℃
Vcc
+-1.5
Vcc
+-1.5
V
2
full range
Vcc
+-2.0
Vcc
+-2.0
Differential InputVoltage
VID
25℃
Vcc
+
Vcc
+
V
Low level Output Voltage
VOL
25℃
250
400
250
400
mV
VID=-1[V],Isink=4[mA]
3
full range
700
700
High level Output Current
IOH
25℃
0.1
0.1
nA
Vcc
+=30[V],VID=1[V]
VO=30[V]
3
full range
1
1
μA
Output Sink Current
Isink
25℃
6
16
6
16
mA
VID=-1[V],VO=1.5[V]
3
Small Single Response Time
tRE
25℃
1.3
1.3
μs
RL=5.1[kΩ], Vcc
+=5[V]
VIN=100[mVp-p],
Overdrive=5[mV]
3
Large Single Response Time
tREL
300
300
ns
RL=5.1[kΩ], Vcc
+=5[V]
VIN=TTL input, Vref=1.4[V]
3
(*1) Absolute value


Similar Part No. - LM339WPT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM339 STMICROELECTRONICS-LM339 Datasheet
776Kb / 19P
   Low-power quad voltage comparators
Rev 4
logo
Motorola, Inc
LM339 MOTOROLA-LM339 Datasheet
124Kb / 6P
   Quad Single Supply Comparators
Rev 2
logo
HTC Korea TAEJIN Techno...
LM339 HTC-LM339 Datasheet
113Kb / 4P
   QUAD VOLTAGE COMPARATOR
logo
Texas Instruments
LM339 TI-LM339 Datasheet
1Mb / 33P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM339 TI-LM339 Datasheet
2Mb / 51P
[Old version datasheet]   LM339B, LM2901B, LM339, LM239, LM139, LM2901 Quad Differential Comparators
REVISED OCTOBER 2023
More results

Similar Description - LM339WPT

ManufacturerPart #DatasheetDescription
logo
Rohm
LM393DT ROHM-LM393DT_15 Datasheet
866Kb / 38P
   SIGNATURE SERIES Comparators
LM358DT ROHM-LM358DT_11 Datasheet
974Kb / 18P
   SIGNATURE SERIES Operational Amplifiers
2011.06 - Rev.B
logo
ATMEL Corporation
AT90SP0801 ATMEL-AT90SP0801 Datasheet
100Kb / 12P
   Secure Signature Generation Chip
logo
Rohm
LM393DR ROHM-LM393DR Datasheet
463Kb / 18P
   TROPHY SERIES Comparators
LM393MX ROHM-LM393MX_11 Datasheet
709Kb / 17P
   NOW SERIES Comparators
logo
ON Semiconductor
NCS2200 ONSEMI-NCS2200_18 Datasheet
140Kb / 18P
   Comparators
March, 2018 ??Rev. 20
logo
Analog Devices
ADCMP391 AD-ADCMP391 Datasheet
375Kb / 17P
   Comparators
ADCMP394 AD-ADCMP394 Datasheet
409Kb / 18P
   Comparators
logo
Panasonic Semiconductor
AN1339 PANASONIC-AN1339 Datasheet
44Kb / 3P
   Quadruple Comparators
AN1393 PANASONIC-AN1393 Datasheet
29Kb / 3P
   Dual Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com