Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM393MX Datasheet(PDF) 3 Page - Rohm

Part # LM393MX
Description  NOW SERIES Comparators
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

LM393MX Datasheet(HTML) 3 Page - Rohm

  LM393MX_11 Datasheet HTML 1Page - Rohm LM393MX_11 Datasheet HTML 2Page - Rohm LM393MX_11 Datasheet HTML 3Page - Rohm LM393MX_11 Datasheet HTML 4Page - Rohm LM393MX_11 Datasheet HTML 5Page - Rohm LM393MX_11 Datasheet HTML 6Page - Rohm LM393MX_11 Datasheet HTML 7Page - Rohm LM393MX_11 Datasheet HTML 8Page - Rohm LM393MX_11 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Technical Note
3/16
LM393MX,LM2903MX,LM339MX,LM2901MX
www.rohm.com
2011.06 - Rev.C
© 2011 ROHM Co., Ltd. All rights reserved.
LM2903/2901 family(Unless otherwise specified, V+=+5[V])
Parameter
Symbol
Temperature
range
Limit
Unit
Condition
Fig.N
o.
LM2903 family
LM2901 family
Min.
Typ.
Max.
Min.
Typ.
Max.
Input Offset Voltage (*2)
VIO
25℃
2
7
2
7
mV
V
+=30[V],VO=1.4[V],
RS=0[Ω]
VCM=0[V] to V
+-1.5[V]
88
Full range
9
15
9
15
Input Bias Current (*2)
IIB
25℃
25
250
25
250
nA
IIN(+) or IIN(-)
VCM=0[V]
88
Full range
200
500
200
500
Input Offset Current (*2)
IIO
25℃
5
50
5
50
nA
IIN(+)-IIN(-),VCM=0[V]
88
Full range
50
200
50
200
Input Common-mode
Voltage Range
VICR
25℃
V
+-1.5
V
+-1.5
V
V
+=30[V]
88
Full range
V
+-2.0
V
+-2.0
Supply Current
ICC
25℃
0.4
1
0.8
2
mA
RL=∞,V
+=5[V]
89
1
2.5
1
2.5
RL=∞,V
+=36[V]
Voltage Gain
AVD
25℃
25
100
25
100
V/mV
V
+=15[V],VO=1[V]
to
11[V],
RL≧15[kΩ]
88
Large Signal Response
Time
tREL
25℃
300
300
ns
VIN=TTL logic swing,
Vref=1.4[V]
VRL=5[V],RL=5.1[kΩ]
89
Response Time
tRE
25℃
1.5
1.3
μs
VRL=5[V],RL=5.1[kΩ]
VIN=100[mVp-p],
overdrive=5[mV]
89
Output Sink Current
ISINK
25℃
6
16
6
16
mA
VIN(-)=1[V],VIN(+)=0[V]
VO≦1.5[V]
89
Saturation Voltage
VOL
25℃
250
400
250
400
mV
VIN(-)=1[V],VIN(+)=0[V]
ISINK≦4[mA]
89
Full range
400
700
700
Output Leakage Current
Ileak
25℃
0.1
0.1
nA
VIN(-)=0[V],VIN(+)=1[V],
VO=5[V]
89
Full range
1
1
μA
VIN(-)=0[V],VIN(+)=1[V],
VO=30[V]
Differential Input Voltage
VID
Full range
36
36
V
ALL VIN≧0[V]
(*2) Absolute value


Similar Part No. - LM393MX_11

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
LM393MX FAIRCHILD-LM393MX_12 Datasheet
149Kb / 8P
   Dual Differential Comparator
More results

Similar Description - LM393MX_11

ManufacturerPart #DatasheetDescription
logo
Rohm
LM358MX ROHM-LM358MX_11 Datasheet
730Kb / 18P
   NOW SERIES Operational Amplifiers
2011.06 - Rev.C
LM393DT ROHM-LM393DT_15 Datasheet
866Kb / 38P
   SIGNATURE SERIES Comparators
logo
Murata Manufacturing Co...
WSN802GCA MURATA-WSN802GCA Datasheet
1Mb / 6P
   RFMProducts are now Murata Products
logo
Rohm
LM393DR ROHM-LM393DR Datasheet
463Kb / 18P
   TROPHY SERIES Comparators
LM393DT ROHM-LM393DT_11 Datasheet
422Kb / 18P
   SIGNATURE SERIES Comparators
logo
Murata Manufacturing Co...
TR3000 MURATA-TR3000 Datasheet
600Kb / 12P
   RFM products are now Murata products
TX6004 MURATA-TX6004 Datasheet
207Kb / 6P
   RFM products are now Murata products
DR-TRC105 MURATA-DR-TRC105 Datasheet
712Kb / 1P
   RFM products are now Murata products
WSN802G MURATA-WSN802G Datasheet
1Mb / 7P
   RFM Products are now Murata products
logo
ON Semiconductor
NCS2200 ONSEMI-NCS2200_18 Datasheet
140Kb / 18P
   Comparators
March, 2018 ??Rev. 20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com