Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LB-603FP Datasheet(PDF) 2 Page - Rohm

Part # LB-603FP
Description  High efficiency, three-digit Numeric Display
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

LB-603FP Datasheet(HTML) 2 Page - Rohm

  LB-603FP Datasheet HTML 1Page - Rohm LB-603FP Datasheet HTML 2Page - Rohm LB-603FP Datasheet HTML 3Page - Rohm LB-603FP Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2/3
www.rohm.com
c
2011 ROHM Co., Ltd. All rights reserved.
2011.03 - Rev.B
Data Sheet
LB-603 FP Series
Absolute maximum ratings (Ta=25
C)
Power dissipation
Power dissipation
Forward current
Peak forward current
Reverse voltage
Operating temperature
Storage temperature
Parameter
Unit
mW
mW
mA
mA
V
˚C
˚C
Red
LB-603VF/VP
960
40
15
60
5
PD
PD / seg
IF
IFP
VR
Topr
Tstg
−25 to +75
−30 to +85
Symbol
∗ Pulse width 1ms Duty 1 / 5
∗∗
LB-603MF/MP
1440
60
20
60
5
Green
Electrical and optical characteristics (Ta=25
C)
Forward voltage
Reverse current
Peak wavelength
Spectral line half width
The products are not radiations resistant.
Parameter
Red
Unit
V
μA
nm
nm
Min.
Typ.
2.0
650
40
VF
IR
λP
Δλ
Symbol
IF
=10mA
VR
=3V
IF
=10mA
IF
=10mA
Conditions
Max.
2.8
100
Min.
Typ.
2.1
563
40
Max.
2.8
100
Green
Luminous intensity
λP (nm)
Unit
Color
Red
650
Type
LB-603VF
Min.
5.6
Max.
mcd
Green
563
LB-603MF
9
mcd
LB-603VP
LB-603MP
A condition of measurement is IF
=10mA.
Typ.
16
25


Similar Part No. - LB-603FP

ManufacturerPart #DatasheetDescription
logo
Rohm
LB-603FP ROHM-LB-603FP Datasheet
45Kb / 2P
   High efficiency, three-digit numeric displays
LB-603FP ROHM-LB-603FP_1 Datasheet
57Kb / 3P
   High efficiency, three-digit numeric displays
LB-603FP ROHM-LB-603FP_17 Datasheet
362Kb / 5P
   High efficiency, three-digit LED Numeric Display
More results

Similar Description - LB-603FP

ManufacturerPart #DatasheetDescription
logo
Rohm
LB-603FP ROHM-LB-603FP_17 Datasheet
362Kb / 5P
   High efficiency, three-digit LED Numeric Display
LB-203BL ROHM-LB-203BL Datasheet
62Kb / 2P
   High efficiency, three-digit numeric displays
LB-303AK ROHM-LB-303AK Datasheet
62Kb / 2P
   High efficiency, three-digit numeric displays
LB-603FP ROHM-LB-603FP_1 Datasheet
57Kb / 3P
   High efficiency, three-digit numeric displays
LB-303AK ROHM-LB-303AK_1 Datasheet
60Kb / 3P
   High efficiency, three-digit numeric displays
LB-403F1 ROHM-LB-403F1 Datasheet
58Kb / 2P
   High efficiency, three-digit numeric displays
LB-603FP ROHM-LB-603FP Datasheet
45Kb / 2P
   High efficiency, three-digit numeric displays
LB-303AK ROHM-LB-303AK_11 Datasheet
946Kb / 4P
   High efficiency, three-digit numeric displays
logo
Kingbright Corporation
BA56-11SRWA KINGBRIGHT-BA56-11SRWA Datasheet
158Kb / 4P
   14.22mm (0.56INCH) THREE DIGIT NUMERIC DISPLAY
BA56-13SRWA KINGBRIGHT-BA56-13SRWA Datasheet
157Kb / 4P
   14.22mm (0.56INCH) THREE DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com