Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LAP-601DL Datasheet(PDF) 3 Page - Rohm

Part # LAP-601DL
Description  Single Digit LED Numeric Display
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

LAP-601DL Datasheet(HTML) 3 Page - Rohm

  LAP-601DL Datasheet HTML 1Page - Rohm LAP-601DL Datasheet HTML 2Page - Rohm LAP-601DL Datasheet HTML 3Page - Rohm LAP-601DL Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3/3
www.rohm.com
c
2010 ROHM Co., Ltd. All rights reserved.
2010.12 - Rev.A
Data Sheet
LAP-601 B / L Series
Electrical and optical characteristic curve
Fig.5 Derating
Fig.3 Relative Luminous Intensity -
Case Temperature(℃)
Fig.1 Forward Current - Forward Voltage
Fig.2 Relative Luminous Intensity -
Forward Current
Fig.4 Ratio of Maximum Tolerable Peak Current-
Pulse Duration
0.1
1
10
100
1
1.2
1.4
1.6
1.8
2
2.2
2.4
Forward Voltage : VF(V)
Ta=25℃
0.01
0.1
1
10
110
100
Forward Current(mA)
0.4
0.6
0.8
1
1.2
1.4
1.6
-20
0
20
40
60
80
Case Temperature : Tc(℃)
IF=10mA
1
10
1
10
100
1000
10000
Pulse Duration : Tw (μs)
Ta=25℃
0
20
40
60
80
100
120
-25
-15
-5
5
1525
35
45556575
85
Ambient Temperature(℃)


Similar Part No. - LAP-601DL

ManufacturerPart #DatasheetDescription
logo
Rohm
LAP-601DL ROHM-LAP-601DL Datasheet
398Kb / 5P
   Single Digit High Brightness LED Numeric Display
More results

Similar Description - LAP-601DL

ManufacturerPart #DatasheetDescription
logo
Rohm
LAP-401DN ROHM-LAP-401DN Datasheet
78Kb / 3P
   Single Digit LED Numeric Display
LA-401DN ROHM-LA-401DN_08 Datasheet
112Kb / 5P
   Single Digit LED Numeric Display
LA-601BL ROHM-LA-601BL_17 Datasheet
390Kb / 5P
   Single Digit LED Numeric Display
LA-401DN ROHM-LA-401DN_17 Datasheet
408Kb / 5P
   Single Digit LED Numeric Display
LA-601BL ROHM-LA-601BL_08 Datasheet
93Kb / 5P
   Single Digit LED Numeric Display
LA-601 ROHM-LA-601 Datasheet
73Kb / 3P
   Single Digit LED Numeric Display
LA-401DN ROHM-LA-401DN Datasheet
66Kb / 3P
   Single Digit LED Numeric Display
LA-501DN ROHM-LA-501DN_17 Datasheet
393Kb / 5P
   Single Digit LED Numeric Display
LA-301BL ROHM-LA-301BL Datasheet
66Kb / 3P
   Single Digit LED Numeric Display
LA-301BL ROHM-LA-301BL_08 Datasheet
95Kb / 5P
   Single Digit LED Numeric Display
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com