Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LAP-401MD Datasheet(PDF) 1 Page - Rohm

Part # LAP-401MD
Description  Single Digit LED Numeric Display
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

LAP-401MD Datasheet(HTML) 1 Page - Rohm

  LAP-401MD Datasheet HTML 1Page - Rohm LAP-401MD Datasheet HTML 2Page - Rohm LAP-401MD Datasheet HTML 3Page - Rohm LAP-401MD Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1/3
www.rohm.com
c
2010 ROHM Co., Ltd. All rights reserved.
2010.12 - Rev.A
Single Digit LED Numeric Display
LAP-401 D / N Series
LAP-401 D / N series are the numberical display units
Dimensions (Unit : mm)
featuring ROHM’s in-house 4-element(AlGaInP)
high-brightness LED dies.Their luminous intensity is top
class in the industry while degradation is considerably
slow, which helps to keep illumination vividness almost
unchanged and the image of sets high over a long period
of time.
Features
1) 10.16mm for letter height, single-line LED numerical
displays.
2) About 10 times more luminous intensity than the
conventional products by use of 4-element LED dies.
(in case of orange color)
3)The same luminous intensity as the conventional
products at their 1/10 of current, which contributes lots
to energy-saving of sets.
4) Light-leakage from segments probable with the small
display packages is very rare.
5)Both anode common type and cathode common type
are available in lineup for each color.
Selection guide
Anode
Cathode
Emitting color
Common
Red
LAP-401VD
LAP-401VN
Orange
LAP-401DD
LAP-401DN
Yellow
LAP-401YD
LAP-401YN
Green
LAP-401MD
LAP-401MN
Pin assignments
Pin No.
1
+
2
+
3
+
4
+
5
10
9
8
7
6
+
+
+
+
+
+
a
g
d
f
b
ec
D.P
Function
Pin No.
1
2
3
4
5
6
7
8
9
10
Common
Segment "f"
Segment "g"
Segment "e"
Segment "d"
Common
D.P
Segment "c"
Segment "b"
Segment "a"
Inner circuit (anode common)
COM
1,6
a
10
b
9
c
8
d
5
e
4
f
2
g
3
D.P
7
COM
1,6
a
10
b
9
c
8
d
5
e
4
f
2
g
3
D.P
7
10˚
φ1.0
0.25
(7.62)
5.57
9.6
1.0
Tolerance are
±0.2 unless otherwise noted:


Similar Part No. - LAP-401MD

ManufacturerPart #DatasheetDescription
logo
Rohm
LAP-401MD ROHM-LAP-401MD Datasheet
78Kb / 3P
   Single Digit LED Numeric Display
LAP-401MD ROHM-LAP-401MD Datasheet
347Kb / 5P
   Single Digit High Brightness LED Numeric Display
More results

Similar Description - LAP-401MD

ManufacturerPart #DatasheetDescription
logo
Rohm
LAP-401DN ROHM-LAP-401DN Datasheet
78Kb / 3P
   Single Digit LED Numeric Display
LA-401DN ROHM-LA-401DN_08 Datasheet
112Kb / 5P
   Single Digit LED Numeric Display
LAP-601BL ROHM-LAP-601BL Datasheet
176Kb / 4P
   Single Digit LED Numeric Display
LA-601BL ROHM-LA-601BL_17 Datasheet
390Kb / 5P
   Single Digit LED Numeric Display
LA-401DN ROHM-LA-401DN_17 Datasheet
408Kb / 5P
   Single Digit LED Numeric Display
LA-601BL ROHM-LA-601BL_08 Datasheet
93Kb / 5P
   Single Digit LED Numeric Display
LA-601 ROHM-LA-601 Datasheet
73Kb / 3P
   Single Digit LED Numeric Display
LA-401DN ROHM-LA-401DN Datasheet
66Kb / 3P
   Single Digit LED Numeric Display
LA-501DN ROHM-LA-501DN_17 Datasheet
393Kb / 5P
   Single Digit LED Numeric Display
LA-301BL ROHM-LA-301BL Datasheet
66Kb / 3P
   Single Digit LED Numeric Display
LA-301BL ROHM-LA-301BL_08 Datasheet
95Kb / 5P
   Single Digit LED Numeric Display
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com