Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LAP-401YD Datasheet(PDF) 2 Page - Rohm

Part # LAP-401YD
Description  Single Digit LED Numeric Display
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

LAP-401YD Datasheet(HTML) 2 Page - Rohm

  LAP-401YD Datasheet HTML 1Page - Rohm LAP-401YD Datasheet HTML 2Page - Rohm LAP-401YD Datasheet HTML 3Page - Rohm LAP-401YD Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2/3
www.rohm.com
c
2010 ROHM Co., Ltd. All rights reserved.
2010.12 - Rev.A
Data Sheet
LAP-401 D / N Series
Absolute maximum ratings (Ta=25
C)
Parameter
Red
LAP-401VD / VN
Unit
mW
mW
mA
mA
V
˚C
˚C
448
56
20
60
5
Yellow
Orange
LAP-401DD / DN
448
56
20
60
5
LAP-401YD / YN
448
56
20
60
5
LAP-401MD / MN
448
56
20
60
5
PD
PD / seg
IF
IFP
VR
Topr
Tstg
−25 to +75
−30 to +85
Peak forward current
Operating temperature
Storage temperature
Symbol
∗1 Pulse width 1ms Duty 1 / 5
∗1
∗1
∗1
∗1
Power dissipation
Power dissipation
Forward current
Reverse voltage
Green
Electrical characteristics (Ta=25
C)
Parameter
Red
Typ.
Unit
V
μA
nm
nm
1.9
650
20
Max.
2.6
100
VF
IR
λP
Δλ
Peak wavelength
Spectral line half width
Symbol
IF
=10mA
VR
=3V
IF
=10mA
IF
=10mA
Conditions
Typ.
1.9
605
20
Max.
2.6
100
Typ.
1.9
590
20
Max.
2.6
100
Typ.
1.9
572
20
Max.
2.6
100
Reverse current
The products are not radiations resistant.
Forward voltage
Yellow
Orange
Green
Luminous intensity
λP (nm)
Unit
Color
650
Type
LAP
−401VD
Min.
14
Typ.
36
mcd
605
LAP
−401DD
56
250
mcd
590
LAP
−401YD
90
450
mcd
572
LAP
−401MD
36
100
mcd
LAP
−401VN
LAP
−401DN
LAP
−401YN
LAP
−401MN
Red
Orange
Yellow
Green
A condition of measurement is IF
=10mA.


Similar Part No. - LAP-401YD

ManufacturerPart #DatasheetDescription
logo
Rohm
LAP-401YD ROHM-LAP-401YD Datasheet
78Kb / 3P
   Single Digit LED Numeric Display
LAP-401YD ROHM-LAP-401YD Datasheet
347Kb / 5P
   Single Digit High Brightness LED Numeric Display
More results

Similar Description - LAP-401YD

ManufacturerPart #DatasheetDescription
logo
Rohm
LAP-401DN ROHM-LAP-401DN Datasheet
78Kb / 3P
   Single Digit LED Numeric Display
LA-401DN ROHM-LA-401DN_08 Datasheet
112Kb / 5P
   Single Digit LED Numeric Display
LAP-601BL ROHM-LAP-601BL Datasheet
176Kb / 4P
   Single Digit LED Numeric Display
LA-601BL ROHM-LA-601BL_17 Datasheet
390Kb / 5P
   Single Digit LED Numeric Display
LA-401DN ROHM-LA-401DN_17 Datasheet
408Kb / 5P
   Single Digit LED Numeric Display
LA-601BL ROHM-LA-601BL_08 Datasheet
93Kb / 5P
   Single Digit LED Numeric Display
LA-601 ROHM-LA-601 Datasheet
73Kb / 3P
   Single Digit LED Numeric Display
LA-401DN ROHM-LA-401DN Datasheet
66Kb / 3P
   Single Digit LED Numeric Display
LA-501DN ROHM-LA-501DN_17 Datasheet
393Kb / 5P
   Single Digit LED Numeric Display
LA-301BL ROHM-LA-301BL Datasheet
66Kb / 3P
   Single Digit LED Numeric Display
LA-301BL ROHM-LA-301BL_08 Datasheet
95Kb / 5P
   Single Digit LED Numeric Display
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com