Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LS03-DK-1A66-PP-500W Datasheet(PDF) 2 Page - Meder Electronic

Part # LS03-DK-1A66-PP-500W
Description  LS Level Sensor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEDER [Meder Electronic]
Direct Link  http://www.meder.com
Logo MEDER - Meder Electronic

LS03-DK-1A66-PP-500W Datasheet(HTML) 2 Page - Meder Electronic

  LS03-DK-1A66-PP-500W Datasheet HTML 1Page - Meder Electronic LS03-DK-1A66-PP-500W Datasheet HTML 2Page - Meder Electronic  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Item No.:
9534196154
Item:
LS03/DK-1A66-PP-500W
LS03/DK-PP-BV96154
| Email: salesasia@meder.com
| Email: salesusa@meder.com
| Email: info@meder.com
+49 / 7731 8399 0
+1 / 508 295 0771
+852 / 2955 1682
USA:
Asia:
Europe:
Special Product Data
Conditions
Min
Typ
Max
Unit
not to exceed their individual max.'s
Contact rating
DC or Peak AC
Switching voltage
DC or Peak AC
Carry current
DC or Peak AC
Switching current
!"##
Sensor deactivated
Sensor-resistance
PP
Housing material
white
Case colour
Polyurethan
Sealing compound
Environmental data
Conditions
Min
Typ
Max
Unit
$
%&
cable not moved
Operating temperature
$
%
cable moved
Operating temperature
$
%&
Storage temperature
IP68
DIN EN 60529
Safety class
Cable specification
Conditions
Min
Typ
Max
Unit
round cable
Cable type
PVC
Cable material
0,14 sq-mm
Cross section
General data
Conditions
Min
Typ
Max
Unit
over 5m cable, a resistor is recommended.
Mounting advice
'
Tightening torque
Modifications in the sense of technical progress are reserved
20.07.09
WKOVACS
WKOVACS
03
Version:
Designed by:
Last Change at:
Designed at:
Last Change by:
13.10.09
HWEDELE
DKUECHLER
Approval by:
Approval by:
21.07.09
Approval at:
Approval at:
26.10.09


Similar Part No. - LS03-DK-1A66-PP-500W

ManufacturerPart #DatasheetDescription
logo
Standex Electronics, In...
LS03-DK-1A66-PP-500W STANDEX-LS03-DK-1A66-PP-500W Datasheet
245Kb / 2P
   LS03 Series Liquid Level Sensor
Ver.03
logo
Meder Electronic
LS03-DK-1A66-PP-500W_DE MEDER-LS03-DK-1A66-PP-500W_DE Datasheet
275Kb / 2P
   (deutsch) LS Level Sensor
More results

Similar Description - LS03-DK-1A66-PP-500W

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
LS01-1B85-PP-5000W MEDER-LS01-1B85-PP-5000W Datasheet
130Kb / 1P
   LS Level Sensor
LS02-1A66-PP-5000W MEDER-LS02-1A66-PP-5000W Datasheet
55Kb / 1P
   LS Level Sensor
LS02-1A85-PA-1500W MEDER-LS02-1A85-PA-1500W Datasheet
61Kb / 1P
   LS Level Sensor
LS02-1A85-S-2000W MEDER-LS02-1A85-S-2000W Datasheet
134Kb / 1P
   LS Level Sensor
LS02-1B66-PP-500W MEDER-LS02-1B66-PP-500W Datasheet
55Kb / 1P
   LS Level Sensor
LS02-1B66-PP-1000W MEDER-LS02-1B66-PP-1000W Datasheet
55Kb / 1P
   LS Level Sensor
LS02-1B84-PA-1500W MEDER-LS02-1B84-PA-1500W Datasheet
56Kb / 1P
   LS Level Sensor
LS02-1B85-PA-1500W MEDER-LS02-1B85-PA-1500W Datasheet
61Kb / 1P
   LS Level Sensor
LS02-1B85-PP-5000W MEDER-LS02-1B85-PP-5000W Datasheet
113Kb / 1P
   LS Level Sensor
LS03-1A66-PP-4000W MEDER-LS03-1A66-PP-4000W Datasheet
127Kb / 1P
   LS Level Sensor
LS03-1A66-PP-5000W MEDER-LS03-1A66-PP-5000W Datasheet
128Kb / 1P
   LS Level Sensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com