Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KA2008-AF10A Datasheet(PDF) 3 Page - Rohm

Part # KA2008-AF10A
Description  For Facsimiles 3.3V to 5V Printing Voltage(A Series)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

KA2008-AF10A Datasheet(HTML) 3 Page - Rohm

  KA2008-AF10A Datasheet HTML 1Page - Rohm KA2008-AF10A Datasheet HTML 2Page - Rohm KA2008-AF10A Datasheet HTML 3Page - Rohm KA2008-AF10A Datasheet HTML 4Page - Rohm KA2008-AF10A Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
KA2008-AF10A
Printheads
Rev.A
3/4
Timing chart
Characteristics
Parameter
Rave
VH
PO
SLT
TON
216.0
0.125
1728
3000
24.0
0.17
10
1.95
432
4
φ14.0
30/3
×107
5~45
mm
mm
dots
V
W/dot
ms
ms
dots
MHz
mm
km/pulses
°C
Symbol
Typical
Unit
Operating temperature
Running life / pulse life
Maximum roller diameter
Maximum clock frequency
Maximum number of dots energized simultaneously
Pulse width
Print cycle
Applied power
Applied voltage
Total dot number
Effective printing width
Dot pitch
Average resistance value
tw CLK
t setup DI
t hold DI
t setup LAT
t hold LAT
tw LAT
t setup STB
tdo
tdo
CLK
(CLOCK)
/LAT
(LATCH)
/STB
(STROBE)
DRIVER
OUT
DI(DATA IN)
"High":BLACK
"LOW" :WHITE
"High": HOLD
"LOW" : THROUGH
Min. 5μs (VIH=5V)*
Min. 10μs (VIH=3.3V)*
∗ If delay time for Driver Out can not be secured enough, there is a possibility that VH would fluctuate greatly.
Please design the circuit so that VH does not exceed peak voltage (Vp).


Similar Part No. - KA2008-AF10A

ManufacturerPart #DatasheetDescription
logo
Rohm
KA2008-AF10A ROHM-KA2008-AF10A Datasheet
55Kb / 5P
   Thick film thermal printhead (8dots / mm)
More results

Similar Description - KA2008-AF10A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC28L194 PHILIPS-SC28L194 Datasheet
294Kb / 52P
   Quad UART for 3.3V and 5V supply voltage
1998 Sep 21
SC28L198 PHILIPS-SC28L198 Datasheet
345Kb / 56P
   Octal UART for 3.3V and 5V supply voltage
1999 Jan 14
logo
Unisonic Technologies
UTCU584 UTC-UTCU584 Datasheet
686Kb / 6P
   3~8 AMP 5V TO 3.3V VOLTAGE CONVERSION REGULATOR
logo
National Semiconductor ...
LM3940 NSC-LM3940 Datasheet
291Kb / 11P
   1A Low Dropout Regulator for 5V to 3.3V Conversion
LM3940 NSC-LM3940_03 Datasheet
367Kb / 11P
   1A Low Dropout Regulator for 5V to 3.3V Conversion
logo
Maxim Integrated Produc...
MAX17521EVKIT MAXIM-MAX17521EVKIT Datasheet
885Kb / 10P
   3.3V and 5V Output-Voltage Application
Rev 1; 7/17
logo
List of Unclassifed Man...
SLTS113 ETC1-SLTS113 Datasheet
121Kb / 5P
   12 Watt 5V/3.3V Input Plus to Minus Voltage Converter
logo
Texas Instruments
PT6905A TI1-PT6905A Datasheet
439Kb / 7P
[Old version datasheet]   12 Watt 5V/3.3V Input Plus to Minus Voltage Converter
PT6910 TI-PT6910 Datasheet
131Kb / 7P
[Old version datasheet]   12 Watt 5V/3.3V Input Plus to Minus Voltage Converter
LM3940 TI1-LM3940 Datasheet
1Mb / 18P
[Old version datasheet]   LM3940 1A Low Dropout Regulator for 5V to 3.3V Conversion
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com