Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KA2002-BE10A Datasheet(PDF) 3 Page - Rohm

Part # KA2002-BE10A
Description  For Mobile, FET-POS, Debit Card, PDA, ECR 2.7V Print Voltage (B Series)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

KA2002-BE10A Datasheet(HTML) 3 Page - Rohm

  KA2002-BE10A Datasheet HTML 1Page - Rohm KA2002-BE10A Datasheet HTML 2Page - Rohm KA2002-BE10A Datasheet HTML 3Page - Rohm KA2002-BE10A Datasheet HTML 4Page - Rohm KA2002-BE10A Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
KA2002-BE10A
Printheads
Rev.A
3/4
Timing chart
Characteristics
Effective printing width
Dot pitch
Total dot number
Average resistance value
Applied voltage
Applied power
Print cycle
Pulse width
Maximum number of dots energized simultaneously
Maximum clock frequency
Maximum roller diameter
Running life / pulse life
Operating temperature
Parameter
Rave
VH
PO
SLT
TON
48
0.125
384
176
7.2
0.27
1.25
0.49
64
8
φ8.0
50/1
×108
0~50
mm
mm
dots
V
W/dot
ms
ms
dots
MHz
mm
km/pulses
°C
Symbol
Typical
Unit
*If delay time for Driver Out can not be secured enough, there is a possibility that VH would
greatly. Please design the circuit so that VH does not exceed peak voltage
DO(DATA OUT)
CLK(CLOCK)
/LAT(LATCH)
STB(STROBE)
DI(DATA IN)
"High":Black
"Low" :White
"High": Hold
"Low":Through
DRIVER OUT
"High":Black
"Low" :White
tw CLK
tsetup DI
thold DI
td DO
tsetup LAT
thold LAT
tw LAT
tsetup STB
tdo
tdo
min.30µsec*(Vdd=5.0V)
min.36µsec*(Vdd=2.7V)


Similar Part No. - KA2002-BE10A

ManufacturerPart #DatasheetDescription
logo
Rohm
KA2002-BE10A ROHM-KA2002-BE10A Datasheet
52Kb / 5P
   Compact Battery drivable thick film thermal printhead (8dots / mm)
More results

Similar Description - KA2002-BE10A

ManufacturerPart #DatasheetDescription
logo
Rohm
KA2004-BE51A ROHM-KA2004-BE51A Datasheet
150Kb / 5P
   For Mobile, FET-POS, Debit Card, PDA, ECR 2.7V Print Voltage (B Series)
KA2002-BE13A ROHM-KA2002-BE13A Datasheet
108Kb / 5P
   For Mobile, FET-POS, Debit Card, PDA, ECR 2.7V Print Voltage (B Series)
KA2003-BE51A ROHM-KA2003-BE51A Datasheet
194Kb / 5P
   For Mobile, FET-POS, Debit Card, PDA, ECR 2.7V Print Voltage (B Series)
logo
ITT Industries
LPCTP-1 ITT-LPCTP-1 Datasheet
68Kb / 1P
   Mobile Mobile Phones Portable Radio Portable Satellite PDA
LPCSP1 ITT-LPCSP1 Datasheet
61Kb / 1P
   Mobile Mobile Phones Portable Radio Portable Satellite PDA
LPCMID ITT-LPCMID Datasheet
64Kb / 1P
   Mobile Mobile Phones PDA Portable Radio Portable Satellite
logo
Advantech Co., Ltd.
AIM-P708 ADVANTECH-AIM-P708 Datasheet
311Kb / 1P
   Simple cradle for AIM-37 Mobile POS
8-Aug-2019
logo
ITT Industries
LPCCP1 ITT-LPCCP1 Datasheet
62Kb / 1P
   Antenna Interconnect for Satellite TV Receiver Mobile Phones PDA Portable Radio
logo
Advantech Co., Ltd.
AIM-P701 ADVANTECH-AIM-P701 Datasheet
749Kb / 1P
   Multi-Functional Smart Cradle for AIM-37 Mobile POS
26-Jun-2017
logo
STMicroelectronics
SMP100LC-XXX STMICROELECTRONICS-SMP100LC-XXX Datasheet
66Kb / 8P
   TRISILTM FOR HIGH DEBIT RATE TELECOM LINES PROTECTION
March 2000 - Ed: 3B
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com