Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KA2002-BE10A Datasheet(PDF) 1 Page - Rohm

Part # KA2002-BE10A
Description  For Mobile, FET-POS, Debit Card, PDA, ECR 2.7V Print Voltage (B Series)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

KA2002-BE10A Datasheet(HTML) 1 Page - Rohm

  KA2002-BE10A_07 Datasheet HTML 1Page - Rohm KA2002-BE10A_07 Datasheet HTML 2Page - Rohm KA2002-BE10A_07 Datasheet HTML 3Page - Rohm KA2002-BE10A_07 Datasheet HTML 4Page - Rohm KA2002-BE10A_07 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
KA2002-BE10A
Printheads
Rev.A
1/4
For Mobile, FET-POS, Debit Card, PDA, ECR
2.7V Print Voltage (B Series)
KA2002-BE10A
Not only hand-held printers, but card payment terminals (EFT-POS) and compact label printers require less than 8.5V of
supply voltage.
ROHM’s B Series of thermal printheads, developed using cutting-edge LSI technology, can operate on a single lithium
ion battery and contribute to end-product miniaturization.
Applications
Mobile printers
EFT-POS printers
Hand-held printers
Debit printers
Features
1) The B series brings reduced height of protective resin for IC and enlarged paper pathway for thermal papers. Thanks
to ROHM’s latest LSI high integrated mounting technology and it’s ultra slim 192bit driver IC.
2) The B series accede the great world class low energy consumption characteristics of GP series.
3) Because the print heads circuits draw 2.7V, the printer can be driven using a single lithium battery.
Dimensions (Unit : mm)
(1.1)
Max.1.7
Exposed Conductor Side
Insert Direction
No.21
No.1
Connector
54
48 (Effective Print Width)
Dot #1
Dot #384


Similar Part No. - KA2002-BE10A_07

ManufacturerPart #DatasheetDescription
logo
Rohm
KA2002-BE10A ROHM-KA2002-BE10A Datasheet
52Kb / 5P
   Compact Battery drivable thick film thermal printhead (8dots / mm)
More results

Similar Description - KA2002-BE10A_07

ManufacturerPart #DatasheetDescription
logo
Rohm
KA2004-BE51A ROHM-KA2004-BE51A Datasheet
150Kb / 5P
   For Mobile, FET-POS, Debit Card, PDA, ECR 2.7V Print Voltage (B Series)
KA2002-BE13A ROHM-KA2002-BE13A Datasheet
108Kb / 5P
   For Mobile, FET-POS, Debit Card, PDA, ECR 2.7V Print Voltage (B Series)
KA2003-BE51A ROHM-KA2003-BE51A Datasheet
194Kb / 5P
   For Mobile, FET-POS, Debit Card, PDA, ECR 2.7V Print Voltage (B Series)
logo
ITT Industries
LPCTP-1 ITT-LPCTP-1 Datasheet
68Kb / 1P
   Mobile Mobile Phones Portable Radio Portable Satellite PDA
LPCSP1 ITT-LPCSP1 Datasheet
61Kb / 1P
   Mobile Mobile Phones Portable Radio Portable Satellite PDA
LPCMID ITT-LPCMID Datasheet
64Kb / 1P
   Mobile Mobile Phones PDA Portable Radio Portable Satellite
logo
Advantech Co., Ltd.
AIM-P708 ADVANTECH-AIM-P708 Datasheet
311Kb / 1P
   Simple cradle for AIM-37 Mobile POS
8-Aug-2019
logo
ITT Industries
LPCCP1 ITT-LPCCP1 Datasheet
62Kb / 1P
   Antenna Interconnect for Satellite TV Receiver Mobile Phones PDA Portable Radio
logo
Advantech Co., Ltd.
AIM-P701 ADVANTECH-AIM-P701 Datasheet
749Kb / 1P
   Multi-Functional Smart Cradle for AIM-37 Mobile POS
26-Jun-2017
logo
STMicroelectronics
SMP100LC-XXX STMICROELECTRONICS-SMP100LC-XXX Datasheet
66Kb / 8P
   TRISILTM FOR HIGH DEBIT RATE TELECOM LINES PROTECTION
March 2000 - Ed: 3B
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com