Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC1959-O Datasheet(PDF) 1 Page - Micro Commercial Components

Part # 2SC1959-O
Description  Power Silicon NPN Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

2SC1959-O Datasheet(HTML) 1 Page - Micro Commercial Components

  2SC1959-O Datasheet HTML 1Page - Micro Commercial Components 2SC1959-O Datasheet HTML 2Page - Micro Commercial Components 2SC1959-O Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2SC1959
-Y
Power Silicon
NPN Transistor
Features
Audio frequency low power amplifier applications, driver stage
amplifier applications, switching applications
Excellent hFE Linearity: hFE(2) =25(Min.) : VCE=6.0V, IC=400mA
1 Watt Amplifier applications
Complementary to 2SA562TM.
Maximum Ratings
Symbol
Rating
Rating
Unit
VCEO
Collector-Emitter Voltage
30
V
VCBO
Collector-Base Breakdown Voltage
35
V
VEBO
Emitter-Base Voltage
5.0
V
IC
Collector Current
500
mA
IB
Base Current
100
mA
PC
Collector Power Dissipation
500
mW
TJ
Operating Junction Temperature
-55 to +150
OC
TSTG
Storage Temperature
-55 to +150
OC
Electrical Characteristics @ 25
OC Unless Otherwise Specified
Symbol
Parameter
Min
Typ
Max
Units
OFF CHARACTERISTICS
ICBO
Collector-Base Cutoff Current
(VCB=35Vdc, IE=0)
---
---
0.1
uAdc
IEBO
Emitter-Base Cutoff Current
(VEB=5.0Vdc, IC=0)
---
---
0.1
uAdc
ON CHARACTERISTICS
hFE-1
DC Current Gain*
(IC=100mAdc, VCE=1.0Vdc)
70
---
400
---
hFE-2
DC Current Gain*
(IC=400mAdc, VCE=6.0Vdc)
25
---
----
---
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=100mAdc, IB=10mAdc)
---
0.1
0.25
Vdc
VBE
Base-Emitter Voltage
(IC=100mAdc, VCE=1.0Vdc)
---
0.8
1.0
Vdc
fT
Transition Frequency
(VCE=6.0Vdc, IC=20mAdc)
200
300
---
MHZ
COBO
Collector Output Capacitance
(VCB=6.0Vdc, IE=0, f=1.0MHZ)
---
7.0
---
pF
Note: hFE(1) Classification
O: 70~140, Y: 120~240, GR: 200~400
hFE(2) Classification
O: 25 (Min.), Y: 40 (Min.)
TO-92
AE
B
C
D
G
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
Revision: A
2011/01/01
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.170
.190
4.33
4.83
B
.170
.190
4.30
4.83
C
.550
.590
13.97
14.97
D
.010
.020
0.36
0.56
E
.130
.160
3.30
3.96
G
.096
.104
2.44
2.64
TM
Micro Commercial Components
www.mccsemi.com
1 of 3
Marking: C1959
Lead Free Finish/Rohs Compliant ("P"Suffix designates RoHS
Compliant. See ordering information)
2SC1959
-O
2SC1959
-GR
Epoxy meets UL 94 V-0 flammability rating
Moisure Sensitivity Level 1
E
C
B


Similar Part No. - 2SC1959-O

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
2SC1959-O MCC-2SC1959-O Datasheet
363Kb / 3P
   Power Silicon NPN Transistor
2SC1959-O MCC-2SC1959-O_13 Datasheet
363Kb / 3P
   Power Silicon NPN Transistor
More results

Similar Description - 2SC1959-O

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MRF10031 MA-COM-MRF10031 Datasheet
195Kb / 5P
   Microwave Power Silicon NPN Transistor Microwave Power Silicon NPN Transistor
logo
NEC
2SC3568 NEC-2SC3568 Datasheet
172Kb / 3P
   NPN SILICON POWER TRANSISTOR
logo
Seme LAB
BUW46 SEME-LAB-BUW46 Datasheet
17Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
NEC
2SC2752 NEC-2SC2752 Datasheet
188Kb / 4P
   NPN SILICON POWER TRANSISTOR
logo
Seme LAB
SDT96305 SEME-LAB-SDT96305 Datasheet
17Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
NEC
2SD1818 NEC-2SD1818 Datasheet
196Kb / 3P
   NPN SILICON POWER TRANSISTOR
logo
Transys Electronics
BUL791 TRSYS-BUL791 Datasheet
873Kb / 6P
   NPN SILICON POWER TRANSISTOR
logo
Siemens Semiconductor G...
BU326A SIEMENS-BU326A Datasheet
69Kb / 3P
   NPN SILICON POWER TRANSISTOR
logo
Boca Semiconductor Corp...
2N3441 BOCA-2N3441 Datasheet
100Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
Central Semiconductor C...
CZT5338 CENTRAL-CZT5338 Datasheet
101Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
AUK corp
STD13003L AUK-STD13003L Datasheet
271Kb / 3P
   NPN Silicon Power Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com