Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC1815-Y Datasheet(PDF) 1 Page - Micro Commercial Components

Part # 2SC1815-Y
Description  NPN Silicon Epitaxial Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

2SC1815-Y Datasheet(HTML) 1 Page - Micro Commercial Components

  2SC1815-Y Datasheet HTML 1Page - Micro Commercial Components 2SC1815-Y Datasheet HTML 2Page - Micro Commercial Components 2SC1815-Y Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
2SC1815 is NPN Silicon Epitaxial Transistor Designed for RF, AF
Amplifier and General Purpose Applications.
Capable of 0.4Watts of Power Dissipation.
Collector-current 0.15A
Collector-base Voltage 60V
Marking : C1815
2SC1815-
Y
NPN Silicon
Epitaxial Transistor
TO-92
AE
B
C
D
G
Electrical Characteristics @ 25
OC Unless Otherwise Specified
Symbol
Parameter
Min
Max
Units
OFF CHARACTERISTICS
V(BR)CEO
Collector-Emitter Breakdown Voltage*
(IC=0.1mAdc, IB=0)
50
Vdc
V(BR)CBO
Collector-Base Breakdown Voltage
(IC=100uAdc, IE=0)
60
Vdc
V(BR)EBO
Emitter-Base Breakdown Voltage
(I E=100uAdc,IC=0)
5
Vdc
ICBO
Collector Cutoff Current
(VCB=60Vdc, IE=0Adc)
0.1
uAdc
ICEO
Collector Cutoff Current
(VCB=50Vdc, IE=0Adc)
0.1
uAdc
IEBO
Emitter Cutoff Current
(VEB=5.0Vdc, IC=0Adc)
0.1
uAdc
ON CHARACTERISTICS
hFE(1)
DC Current Gain*
(IC=2.0mAdc, VCE=6.0Vdc)
70
700
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=100mAdc, IB=10mAdc)
0.25
Vdc
VBE(sat)
Base-Emitter Saturation Voltage
(IC=100mAdc, IB=10mAdc)
1.0
Vdc
SMALL-SIGNAL CHARACTERISTICS
fT
Transistor Frequency
(IC=1.0mAdc, VCE=10Vdc, f=30MHz)
80
MHz
CLASSIFICATION OF HFE (1)
Rank
O
Y
GR
BL
Range
70-140
120-240
200-400
350-700
VBE
Base-Emitter Voltage
(IE=310mAdc)
---
1.45
Vdc
Revision:
C
20
11/08/22
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.170
.190
4.33
4.83
B
.170
.190
4.30
4.83
C
.550
.590
13.97
14.97
D
.010
.020
0.36
0.56
E
.130
.160
3.30
3.96
G
.010
.104
2.44
2.64
TM
Micro Commercial Components
www.mccsemi.com
1 of
3
Epoxy meets UL 94 V-0 flammability rating
2SC1815-
GR
2SC1815-
BL
2SC1815-O
Lead Free Finish/Rohs Compliant ("P"Suffix designates RoHS
Compliant. See ordering information)
Moisure Sensitivity Level 1
E
C
B
Operating and storage junction temperature range:-55
oC to +125oC


Similar Part No. - 2SC1815-Y

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
2SC1815-Y MCC-2SC1815-Y Datasheet
480Kb / 3P
   NPN Silicon Epitaxial Transistor
logo
Central Semiconductor C...
2SC1815-Y CENTRAL-2SC1815-Y Datasheet
305Kb / 3P
   SILICON NPN TRANSISTORS
R1 10-May 2018
logo
Unisonic Technologies
2SC1815-Y-T92-B-B UTC-2SC1815-Y-T92-B-B Datasheet
165Kb / 4P
   AUDIO FREQUENCY AMPLIFIER HIGH FREQUENCY OSC NPN TRANSISTOR
2SC1815-Y-T92-B-K UTC-2SC1815-Y-T92-B-K Datasheet
165Kb / 4P
   AUDIO FREQUENCY AMPLIFIER HIGH FREQUENCY OSC NPN TRANSISTOR
2SC1815-Y-T92-C-B UTC-2SC1815-Y-T92-C-B Datasheet
165Kb / 4P
   AUDIO FREQUENCY AMPLIFIER HIGH FREQUENCY OSC NPN TRANSISTOR
More results

Similar Description - 2SC1815-Y

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
MMBC1623L6 SAMSUNG-MMBC1623L6 Datasheet
29Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJY3008R FAIRCHILD-FJY3008R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
FJY3015R FAIRCHILD-FJY3015R Datasheet
290Kb / 4P
   NPN Epitaxial Silicon Transistor
BC817 FAIRCHILD-BC817_06 Datasheet
162Kb / 5P
   NPN Epitaxial Silicon Transistor
FJY3003R FAIRCHILD-FJY3003R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
PJD882 ETC-PJD882 Datasheet
184Kb / 3P
   NPN Epitaxial Silicon Transistor
logo
Continental Device Indi...
CSC2120 CDIL-CSC2120 Datasheet
87Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CD9581 CDIL-CD9581 Datasheet
113Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CSD545 CDIL-CSD545 Datasheet
182Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
logo
Samsung semiconductor
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Seme LAB
2N5014 SEME-LAB-2N5014 Datasheet
15Kb / 1P
   SILICON EPITAXIAL NPN TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com