Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESR18 Datasheet(PDF) 4 Page - Rohm

Part # ESR18
Description  Anti-surge Chip Resistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

ESR18 Datasheet(HTML) 4 Page - Rohm

  ESR18_08 Datasheet HTML 1Page - Rohm ESR18_08 Datasheet HTML 2Page - Rohm ESR18_08 Datasheet HTML 3Page - Rohm ESR18_08 Datasheet HTML 4Page - Rohm ESR18_08 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
ESR18
Resistors
Rev.F
4/4
Part No. Explanation
Part No.
ES
8
1
R
±5%
Resistance tolerance
J
±0.5%
D
Nominal resistance
EZP
Paper tape (4mm Pitch)
φ180mm (7in.)
5,000
E Z P
J
ESR18
Reel (
φ180) : JEITA ET-7200B
: Standard product
Part No.
Resistance tolerance
Code
Packaging specifications
Reel
Basic ordering unit(pcs)
Packaging Specifications Code
J(
±5%) F(±1%) D(±0.5%)
J
F,D
:
:
3 digits
4 digits
Resistance code, 3 or 4 digits.
Resistance
tolerance
Resistance
code
±1%
F
J
F,D


Similar Part No. - ESR18_08

ManufacturerPart #DatasheetDescription
logo
Rohm
ESR18EZPD ROHM-ESR18EZPD Datasheet
119Kb / 7P
   Endured surge thick film chip resistor
ESR18EZPD100 ROHM-ESR18EZPD100 Datasheet
571Kb / 8P
   Anti-surge chip resistors
ESR18EZPD100 ROHM-ESR18EZPD100 Datasheet
136Kb / 5P
   Anti-surge Chip Resistors
ESR18EZPF100 ROHM-ESR18EZPF100 Datasheet
571Kb / 8P
   Anti-surge chip resistors
ESR18EZPF100 ROHM-ESR18EZPF100 Datasheet
136Kb / 5P
   Anti-surge Chip Resistors
More results

Similar Description - ESR18_08

ManufacturerPart #DatasheetDescription
logo
Rohm
ESR10EZPJ3R9 ROHM-ESR10EZPJ3R9 Datasheet
136Kb / 5P
   Anti-surge Chip Resistors
ESR10EZPF1002 ROHM-ESR10EZPF1002 Datasheet
136Kb / 5P
   Anti-surge Chip Resistors
ESR10EZPJ200 ROHM-ESR10EZPJ200 Datasheet
136Kb / 5P
   Anti-surge Chip Resistors
ESR10 ROHM-ESR10_08 Datasheet
75Kb / 5P
   Anti-surge Chip Resistors
ESR ROHM-ESR Datasheet
571Kb / 8P
   Anti-surge chip resistors
ESR10EZPF1200 ROHM-ESR10EZPF1200 Datasheet
136Kb / 5P
   Anti-surge Chip Resistors
logo
Panasonic Semiconductor
ERJ-P14J6R8U PANASONIC-ERJ-P14J6R8U Datasheet
188Kb / 6P
   Anti-Surge Thick Film Chip Resistors
ERJ-P14J2R4U PANASONIC-ERJ-P14J2R4U Datasheet
188Kb / 6P
   Anti-Surge Thick Film Chip Resistors
ERJ-T08J1R0V PANASONIC-ERJ-T08J1R0V Datasheet
135Kb / 5P
   Anti-Surge Thick Film Chip Resistors
ERJ-P06F1003V PANASONIC-ERJ-P06F1003V Datasheet
160Kb / 6P
   Anti-Surge Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com