Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDZ12B Datasheet(PDF) 1 Page - Rohm

Part # EDZ12B
Description  Zener diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

EDZ12B Datasheet(HTML) 1 Page - Rohm

  EDZ12B Datasheet HTML 1Page - Rohm EDZ12B Datasheet HTML 2Page - Rohm EDZ12B Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Data Sheet
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Zener diode
EDZC6.8B
Applications
Dimensions(Unit : mm)
Land size figure (Unit : mm)
Voltage regulation
Features
1) Ultra small mold type. (EMD2)
2) High reliability
3) Bi chip-mounter automatic mounting
is possible.
Construction
Silicon epitaxial planar
Structure
Taping specifications(Unit : mm)
Absolute maximum ratings(Ta=25°C)
Symbol
Unit
PmW
Tj
°C
Tstg
°C
Electrical characteristics(Ta=25°C)
Symbol
Min.
Typ.
Max.
Unit
Conditions
Vz
6.65
-
6.93
V
IZ=5mA
IR
-
-
0.5
μA
VR=3.5V
Ct
-
3.0
-
pF
VR=0V , f=1MHz
Parameter
Limits
Power dissipation
150
Junction temperature
150
Storage temperature
-55 to +150
Parameter
Zener voltage
Reverse current
Capacitance between terminals
ROHM : EMD2
JEITA : SC-79
JEDEC :SOD-523
dot (year week factory)
0.12±0.05
0.6±0.1
0.3±0.05
0.8±0.05
EMD2
0.8
0.95±0.06
0
4.0±0.1
4.0±0.1
2.0±0.05
φ1.5±0.05
0.2±0.05
0.76±0.05
φ0.5
2.0±0.05
空ポケット
0.2
φ
1.55
±0.05
0.90
±0.05
0.75
±0.05
Empty pocket
1/2
2011.03 - Rev.A


Similar Part No. - EDZ12B

ManufacturerPart #DatasheetDescription
logo
Rohm
EDZ12B ROHM-EDZ12B Datasheet
141Kb / 5P
   Zener diode
EDZ12B ROHM-EDZ12B Datasheet
1Mb / 5P
   Zener Diode
EDZ12B ROHM-EDZ12B Datasheet
162Kb / 5P
   Zener diode
EDZ12B ROHM-EDZ12B Datasheet
124Kb / 5P
   Zener diode
EDZ12B ROHM-EDZ12B Datasheet
142Kb / 5P
   Zener diode
More results

Similar Description - EDZ12B

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Rohm
FTZ56E ROHM-FTZ56E Datasheet
53Kb / 2P
   Zener diode
UDZ ROHM-UDZ Datasheet
58Kb / 3P
   Zener diode
PTZ7.5B ROHM-PTZ7.5B Datasheet
227Kb / 5P
   Zener diode
PTZ3.9B ROHM-PTZ3.9B Datasheet
229Kb / 5P
   Zener diode
PTZ6.8B ROHM-PTZ6.8B Datasheet
228Kb / 5P
   Zener diode
logo
SHENZHEN YONGERJIA INDU...
1N5221B WINNERJOIN-1N5221B Datasheet
483Kb / 5P
   Zener diode
logo
Leshan Radio Company
LEDZ2-4BT1G LRC-LEDZ2-4BT1G_15 Datasheet
401Kb / 5P
   Zener diode
LEDZ11BT1G LRC-LEDZ11BT1G_15 Datasheet
167Kb / 5P
   Zener diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com