Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EM6K34 Datasheet(PDF) 1 Page - Rohm

Part No. EM6K34
Description  0.9V Drive Nch Nch MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo ROHM - Rohm

EM6K34 Datasheet(HTML) 1 Page - Rohm

  EM6K34 Datasheet HTML 1Page - Rohm EM6K34 Datasheet HTML 2Page - Rohm EM6K34 Datasheet HTML 3Page - Rohm EM6K34 Datasheet HTML 4Page - Rohm EM6K34 Datasheet HTML 5Page - Rohm EM6K34 Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.rohm.com
©20
10 ROHM Co., Ltd. All rights reserved.
0.9V Drive Nch + Nch MOSFET
EM6K34
Structure
Dimensions (Unit : mm)
Silicon N-channel MOSFET
Features
1) High speed switing.
2) Small package(EMT6).
3)Ultra low voltage drive(0.9V drive).
Application
Switching
Inner circuit
Packaging specifications
Package
Taping
Code
T2R
Basic ordering unit (pieces)
8000
EM6K34
Absolute maximum ratings (Ta = 25C)
<It is the same ratings for Tr1 and Tr2.>
Symbol
Limits
Unit
Drain-source voltage
VDSS
50
V
Gate-source voltage
VGSS
8V
Continuous
ID
200
mA
Pulsed
IDP
800
mA
Continuous
Is
125
mA
Pulsed
Isp
800
mA
150
mW / TOTAL
120
mW / ELEMENT
Channel temperature
Tch
150
C
Range of storage temperature
Tstg
55 to +150
C
*1 Pw
10s, Duty cycle1%
*2 Each terminal mounted on a recommended land.
Thermal resistance
Symbol
Limits
Unit
833
C/ W /TOTAL
1042
C/ W /ELEMENT
* Each terminal mounted on a recommended land.
Type
Source current
(Body Diode)
Drain current
Parameter
Parameter
Channel to Ambient
Rth (ch-a)
PD
Power dissipation
*
Abbreviated symbol : K34
*2
*1
*1
EMT6
(1)
(2)
(3)
(4)
(5)
(6)
(1) Tr1 Source
(2) Tr1 Gate
(3) Tr2 Drain
(4) Tr2 Source
(5) Tr2 Gate
(6) Tr1 Drain
∗1 ESD PROTECTION DIODE
∗2 BODY DIODE
∗2
∗2
∗1
∗1
(1)
(6)
(3)
(4)
(2)
(5)
1/5
2010.11 - Rev.A


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn