Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EM6K34 Datasheet(PDF) 2 Page - Rohm

Part No. EM6K34
Description  0.9V Drive Nch Nch MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo ROHM - Rohm

EM6K34 Datasheet(HTML) 2 Page - Rohm

  EM6K34 Datasheet HTML 1Page - Rohm EM6K34 Datasheet HTML 2Page - Rohm EM6K34 Datasheet HTML 3Page - Rohm EM6K34 Datasheet HTML 4Page - Rohm EM6K34 Datasheet HTML 5Page - Rohm EM6K34 Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Data Sheet
www.rohm.com
©20
10 ROHM Co., Ltd. All rights reserved.
EM6K34
 
 Electrical characteristics (T
a = 25C)
<It is the same ratings for Tr1 and Tr2.>
Symbol
Min.
Typ.
Max.
Unit
Gate-source leakage
IGSS
--
10
AV
GS=8V, VDS=0V
Drain-source breakdown voltage V (BR)DSS
50
-
-
V
ID=1mA, VGS=0V
Zero gate voltage drain current
IDSS
--
1
AV
DS=50V, VGS=0V
Gate threshold voltage
VGS (th)
0.3
-
0.8
V
VDS=10V, ID=1mA
-
1.6
2.2
ID=200mA, VGS=4.5V
-
1.7
2.4
ID=200mA, VGS=2.5V
-
2.0
2.8
ID=200mA, VGS=1.5V
-
2.2
3.3
ID=100mA, VGS=1.2V
-
3.0
9.0
ID=10mA, VGS=0.9V
Forward transfer admittance
l Yfs l
0.2
-
-
S
ID=200mA, VDS=10V
Input capacitance
Ciss
-
26
-
pF
VDS=10V
Output capacitance
Coss
-6
-
pF
VGS=0V
Reverse transfer capacitance
Crss
-
3
-
pF
f=1MHz
Turn-on delay time
td(on)
-5
-
ns
ID=100mA, VDD 25V
Rise time
tr
-8
-
ns
VGS=4.5V
Turn-off delay time
td(off)
-
17
-
ns
RL=250
Fall time
tf
-
43
-
ns
RG=10
*Pulsed
Body diode characteristics (Source-Drain) (T
a = 25C)
<It is the same ratings for Tr1 and Tr2.>
Symbol
Min.
Typ.
Max.
Unit
Forward Voltage
VSD
-
-
1.2
V
Is=200mA, VGS=0V
*Pulsed
Conditions
Conditions
Parameter
Parameter
Static drain-source on-state
resistance
RDS (on)
*
*
*
*
*
*
*
*
*
*
*
2/5
2010.11- Rev.A


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn