Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EM6K31_1009 Datasheet(PDF) 4 Page - Rohm

Part No. EM6K31_1009
Description  2.5V Drive Nch Nch MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo 

EM6K31_1009 Datasheet(HTML) 4 Page - Rohm

   
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4/5
www.rohm.com
c
2010 ROHM Co., Ltd. All rights reserved.
2010.09 - Rev.B
Data Sheet
EM6K31
0
2
4
6
8
0
2.557.5
10
ID= 0.25A
ID= 0.01A
1
10
100
0.01
0.1
1
10
100
1
10
100
1000
0.01
0.1
1
tf
0.001
0.01
0.1
1
00.5
11.5
Ta=125
C
Ta=75
C
Ta=25
C
Ta=-25
C
Fig.10 Reverse Drain Current
vs. Sourse-Drain Voltage
Fig.11 Static Drain-Source On-State
Resistance vs. Gate Source Voltage
Fig.13 Typical Capacitance
vs. Drain-Source Voltage
Fig.12 Switching Characteristics
SOURCE-DRAIN VOLTAGE : V
[V]
GATE-SOURCE VOLTAGE : VGS[V]
DRAIN-CURRENT : ID[A]
DRAIN-SOURCE VOLTAGE :
VGS=0V
Pulsed
Ta=25
C
f=1MHz
VGS=0V
tr
Ciss
Coss
Crss
Ta=25
C
Pulsed
td(off)
td(on)
Ta=25
C
VDD= 30V
VGS=10V
RG=10
Pulsed
V [V]
SD
DS


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn