Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EM6K31_1009 Datasheet(PDF) 3 Page - Rohm

Part No. EM6K31_1009
Description  2.5V Drive Nch Nch MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo 

EM6K31_1009 Datasheet(HTML) 3 Page - Rohm

   
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3/5
www.rohm.com
c
2010 ROHM Co., Ltd. All rights reserved.
2010.09 - Rev.B
Data Sheet
EM6K31
Electrical characteristic curves
0.1
1
10
100
0.001
0.01
0.1
1
Ta=125
C
Ta=75
C
Ta=25
C
Ta= -25
C
VGS= 4.5V
Pulsed
0.1
1
10
100
0.001
0.01
0.1
1
Ta=125
C
Ta=75
C
Ta=25
C
Ta= -25
C
VGS= 10V
Pulsed
0.1
1
10
100
0.001
0.01
0.1
1
Ta=125
C
Ta=75
C
Ta=25
C
Ta= -25
C
VGS= 2.5V
Pulsed
0.1
1
10
100
0.001
0.01
0.1
1
Ta=125
C
Ta=75
C
Ta=25
C
Ta= -25
C
VGS= 4.0V
Pulsed
0.01
0.1
1
0.001
0.01
0.1
1
Ta= -25
C
Ta=25
C
Ta=75
C
Ta=125
C
VDS= 10V
Pulsed
Fig.5 Static Drain-Source On-State
Resistance vs. Drain Current( II )
Fig.6 Static Drain-Source On-State
Resistance vs. Drain Current( III )
Fig.7 Static Drain-Source On-State
Resistance vs. Drain Current( IV )
Fig.9 Forward Transfer Admittance
vs. Drain Current
DRAIN-CURRENT : ID[A]
DRAIN-CURRENT : ID[A]
DRAIN-CURRENT : ID[A]
DRAIN-CURRENT : ID[A]
Fig.8 Static Drain-Source On-State
Resistance vs. Drain Current( IV )
DRAIN-CURRENT : ID[A]
0
0.1
0.2
0.3
0.4
0.5
0
0.2
0.4
0.6
0.8
1
VGS= 2.5V
VGS= 2.8V
VGS= 10V
VGS= 4.5V
VGS= 4.0V
Ta= 25
C
Pulsed
Fig.1 Typical Output Characteristics( I )
DRAIN-SOURCE VOLTAGE : VDS[V]
0
0.1
0.2
0.3
0.4
0.5
024
6
8
10
VGS= 2.5V
VGS= 2.8V
VGS= 10V
VGS= 4.5V
VGS= 4.0V
Ta= 25
C
Pulsed
Fig.2 Typical Output Characteristics( II )
DRAIN-SOURCE VOLTAGE : VDS[V]
0.0001
0.001
0.01
0.1
1
0
0.5
1
2
3
Ta=125
C
Ta=75
C
Ta=25
C
Ta= -25
C
VDS= 10V
Pulsed
Fig.3 Typical Transfer Characteristics
GATE-SOURCE VOLTAGE :
0.1
1
10
100
0.001
0.01
0.1
1
VGS= 2.5V
VGS= 4.0V
VGS= 4.5V
VGS= 10V
Ta= 25
C
Pulsed
Fig.4 Static Drain-Source On-State
Resistance vs. Drain Current( I )
VGS[V]
DRAIN-CURRENT : ID[A]
1.5
2.5


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn