Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EM6K31_1009 Datasheet(PDF) 2 Page - Rohm

Part No. EM6K31_1009
Description  2.5V Drive Nch Nch MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo 

EM6K31_1009 Datasheet(HTML) 2 Page - Rohm

   
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2/5
www.rohm.com
c
2010 ROHM Co., Ltd. All rights reserved.
2010.09 - Rev.B
Data Sheet
EM6K31
 Electrical characteristics
(Ta = 25
C)
<It is the same ratings for Tr1 and Tr2.>
Symbol
Min.
Typ.
Max.
Unit
Gate-source leakage
IGSS
--
10
AVGS=20V, VDS=0V
Drain-source breakdown voltage V(BR)DSS
60
-
-
V
ID=1mA, VGS=0V
Zero gate voltage drain current
IDSS
--
1
AVDS=60V, VGS=0V
Gate threshold voltage
VGS (th)
1.0
-
2.3
V
VDS=10V, ID=1mA
-1.7
2.4
ID=250mA, VGS=10V
-2.1
3.0
ID=250mA, VGS=4.5V
-2.3
3.2
ID=250mA, VGS=4.0V
-
3.0
12.0
ID=10mA, VGS=2.5V
Forward transfer admittance
l Yfs l
0.25
-
-
S
ID=250mA, VDS=10V
Input capacitance
Ciss
-15
-
pF
VDS=25V
Output capacitance
Coss
-4.5
-
pF
VGS=0V
Reverse transfer capacitance
Crss
-2.0
-
pF
f=1MHz
Turn-on delay time
td(on)
-3.5
-
ns
ID=100mA, VDD 30V
Rise time
tr
-5
-
ns
VGS=10V
Turn-off delay time
td(off)
-18
-
ns
RL 300
Fall time
tf
-28
-
ns
RG=10
*Pulsed
Body diode characteristics
(Source-Drain) (Ta = 25
C)
<It is the same ratings for Tr1 and Tr2.>
Symbol
Min.
Typ.
Max. Unit
Forward voltage
VSD
--
1.2
V
Is=250mA, VGS=0V
*Pulsed
Conditions
Conditions
Parameter
Parameter
Static drain-source on-state
resistance
RDS (on)
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn