Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EM6K31_1009 Datasheet(PDF) 1 Page - Rohm

Part No. EM6K31_1009
Description  2.5V Drive Nch Nch MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo 

EM6K31_1009 Datasheet(HTML) 1 Page - Rohm

   
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1/5
www.rohm.com
c
2010 ROHM Co., Ltd. All rights reserved.
2010.09 - Rev.B
2.5V Drive Nch + Nch MOSFET
EM6K31
 Structure
Silicon N-channel MOSFET
Features
1) High speed switing.
2) Small package(EMT6).
3) Low voltage drive(2.5V drive).
 Application
Switching
 Packaging specifications
 Inner circuit
Package
Taping
Code
T2R
Basic ordering unit (pieces)
8000
EM6K31
 Absolute maximum ratings
(Ta = 25
C)
Symbol
Limits
Unit
Drain-source voltage
VDSS
60
V
Gate-source voltage
VGSS
20
V
Continuous
ID
250
mA
Pulsed
IDP
1A
Continuous
Is
125
mA
Pulsed
Isp
1A
150
mW / TOTAL
120
mW / ELEMENT
Channel temperature
Tch
150
C
Range of storage temperature
Tstg
55 to +150
C
*1 Pw
10s, Duty cycle1%
*2 Each terminal mounted on a recommended land.
 Thermal resistance
Symbol
Limits
Unit
833
°
C / W /TOTAL
1042
°
C / W /ELEMENT
* Each terminal mounted on a recommended land.
 Dimensions
(Unit : mm)
Type
Source current
(Body Diode)
Drain current
Parameter
Parameter
Channel to ambient
Rth (ch-a)
PD
Power dissipation
*2
*1
*1
*
(1) Tr1 Source
(2) Tr1 Gate
(3) Tr2 Drain
(4) Tr2 Source
(5) Tr2 Gate
(6) Tr1 Drain
∗1 ESD PROTECTION DIODE
∗2 BODY DIODE
∗2
∗2
∗1
∗1
(1)
(6)
(3)
(4)
(2)
(5)
Abbreviated symbol : K31
4
5
6


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn