Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SA1015-O Datasheet(PDF) 1 Page - Micro Commercial Components

Part # 2SA1015-O
Description  PNP Silicon Plastic-Encapsulate Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

2SA1015-O Datasheet(HTML) 1 Page - Micro Commercial Components

  2SA1015-O Datasheet HTML 1Page - Micro Commercial Components 2SA1015-O Datasheet HTML 2Page - Micro Commercial Components 2SA1015-O Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2SA1015
-O
PNP Silicon
Plastic-Encapsulate
Transistor
Features
Capable of 0.4Watts of Power Dissipation.
Collector-current 0.15A
Collector-base Voltage 50V
Operating and storage junction temperature range: -55
OC to +125OC
Electrical Characteristics @ 25
OC Unless Otherwise Specified
Symbol
Parameter
Min
Max
Units
OFF CHARACTERISTICS
V(BR)CEO
Collector-Emitter Breakdown Voltage
(IC=0.1mAdc, IB=0)
50
---
Vdc
V(BR)CBO
Collector-Base Breakdown Voltage
(IC=100uAdc, IE=0)
50
---
Vdc
ICBO
Collector Cutoff Current
(VCB=50Vdc, IE=0)
---
0.1
uAdc
IEBO
Emitter Cutoff Current
(VEB=5.0Vdc, IC=0)
---
0.1
uAdc
ON CHARACTERISTICS
hFE
DC Current Gain
(IC=2.0mAdc, VCE=6.0Vdc)
70
400
---
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=100mAdc, IB=10mAdc)
---
0.3
Vdc
VBE(sat)
Base-Emitter Saturation Voltage
(IC=100mAdc, IB=10mAdc)
---
1.1
Vdc
SMALL-SIGNAL CHARACTERISTICS
fT
Transistor Frequency
(IC=1.0mAdc, VCE=10Vdc, f=30MHz)
80
MHz
CLASSIFICATION OF HFE (1)
Rank
O
Y
GR
Range
70-140
120-240
200-400
TO-92
AE
B
C
D
G
---
Revision:
C
20
11/03/25
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.170
.190
4.33
4.83
B
.170
.190
4.30
4.83
C
.550
.590
13.97
14.97
D
.010
.020
0.36
0.56
E
.130
.160
3.30
3.96
G
.0
96
.104
2.44
2.64
TM
Micro Commercial Components
www.mccsemi.com
1 of
3
Marking:A1015
2SA1015
-Y
2SA1015
-GR
Lead Free Finish/Rohs Compliant ("P"Suffix designates
Compliant. See ordering information)
Epoxy meets UL 94 V-0 flammability rating
Moisure Sensitivity Level 1
E
C
B


Similar Part No. - 2SA1015-O

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
2SA1015-O MCC-2SA1015-O Datasheet
84Kb / 2P
   PNP Silicon Plastic-Encapsulate Transistor
2SA1015-O MCC-2SA1015-O Datasheet
633Kb / 3P
   PNP Silicon Plastic-Encapsulate Transistor
2SA1015-O MCC-2SA1015-O_13 Datasheet
633Kb / 3P
   PNP Silicon Plastic-Encapsulate Transistor
More results

Similar Description - 2SA1015-O

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
2SA1015-O MCC-2SA1015-O Datasheet
84Kb / 2P
   PNP Silicon Plastic-Encapsulate Transistor
2SA733-R MCC-2SA733-R_16 Datasheet
411Kb / 2P
   PNP Silicon Plastic-Encapsulate Transistor
MMS9012-L MCC-MMS9012-L_13 Datasheet
161Kb / 2P
   PNP Silicon Plastic-Encapsulate Transistor
MMS9015-L MCC-MMS9015-L_13 Datasheet
344Kb / 2P
   PNP Silicon Plastic-Encapsulate Transistor
MMSS8550-L MCC-MMSS8550-L_13 Datasheet
164Kb / 2P
   PNP Silicon Plastic-Encapsulate Transistor
BF421 MCC-BF421 Datasheet
224Kb / 2P
   PNP Silicon Plastic-Encapsulate Transistor
MMS8550-L MCC-MMS8550-L Datasheet
189Kb / 2P
   PNP Silicon Plastic-Encapsulate Transistor
2SA1162-O MCC-2SA1162-O Datasheet
199Kb / 2P
   PNP Silicon Plastic-Encapsulate Transistor
2SB772-R MCC-2SB772-R Datasheet
298Kb / 2P
   PNP Silicon Plastic-Encapsulate Transistor
BD772-R MCC-BD772-R Datasheet
383Kb / 3P
   PNP Silicon Plastic-Encapsulate Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com