Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DA228K Datasheet(PDF) 3 Page - Rohm

Part # DA228K
Description  Switching Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DA228K Datasheet(HTML) 3 Page - Rohm

  DA228K_11 Datasheet HTML 1Page - Rohm DA228K_11 Datasheet HTML 2Page - Rohm DA228K_11 Datasheet HTML 3Page - Rohm DA228K_11 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Data Sheet
DA228K
 
0
1
2
3
4
5
Ct13
0
10
20
30
40
02468
10
0
1
2
3
4
5
Ct12
TIME:t(s)
Rth-t CHARACTERISTICS
ESD DISPERSION MAP
TIME:t(ms)
IFSM-t CHARACTERISTICS
ESD DISPERSION MAP
FORWARD CURRENT:IF(mA)
trr-IF CHARACTERISTICS
VR=6V
D2
D1
0.1
1
10
1
10
100
1000
t
Ifsm
VR=6V
D2
D1
10
100
1000
0.001
0.01
0.1
1
10
100
1000
Rth(j-a)
Rth(j-c)
1ms
IM=1mA
IF=50mA
300us
time
Mounted on epoxy board
0
1
2
3
4
5
6
7
8
9
10
D1
C=200pF
R=0Ω
C=100pF
R=1.5kΩ
AVE:0.670kV
AVE:6.43kV
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
D2
C=200pF
R=0Ω
C=100pF
R=1.5kΩ
AVE:1.87kV
AVE:13.56kV
Ct DISPERSION MAP
AVE:3.64pF
Ta=25℃
VR=0V
f=1MHz
n=10pcs
Ct DISPERSION MAP
AVE:1.86pF
Ta=25℃
VR=0V
f=1MHz
n=10pcs
3/3
2011.06 - Rev.A


Similar Part No. - DA228K_11

ManufacturerPart #DatasheetDescription
logo
Rohm
DA228K ROHM-DA228K_17 Datasheet
2Mb / 9P
   Switching Diode
More results

Similar Description - DA228K_11

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
   SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
   SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
   SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
   SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
logo
Rohm
RLS-73 ROHM-RLS-73 Datasheet
54Kb / 2P
   Switching diode
logo
AUK corp
SDS2836F AUK-SDS2836F Datasheet
103Kb / 3P
   Switching Diode
SDS2838E AUK-SDS2838E Datasheet
104Kb / 3P
   Switching Diode
logo
Microsemi Corporation
JAN1N914 MICROSEMI-JAN1N914 Datasheet
53Kb / 2P
   SWITCHING DIODE
logo
AUK corp
SDS2838F AUK-SDS2838F Datasheet
103Kb / 3P
   Switching Diode
logo
ON Semiconductor
BAS116LT1 ONSEMI-BAS116LT1 Datasheet
63Kb / 4P
   Switching Diode
1997 REV 1
logo
Compensated Deuices Inc...
1N914 CDI-DIODE-1N914 Datasheet
68Kb / 2P
   SWITCHING DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com