Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DA204U Datasheet(PDF) 1 Page - Rohm

Part # DA204U
Description  Switching Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DA204U Datasheet(HTML) 1 Page - Rohm

  DA204U_11 Datasheet HTML 1Page - Rohm DA204U_11 Datasheet HTML 2Page - Rohm DA204U_11 Datasheet HTML 3Page - Rohm DA204U_11 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data Sheet
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Switching Diode
DA204U
Applications
Dimensions (Unit : mm)
Land size figure (Unit : mm)
Ultra high speed switching
Features
1) Small mold type. (UMD3)
2) High reliability
Construction
Silicon epitaxial planar
Structure
Taping dimensions (Unit : mm)
Absolute maximum ratings (Ta=25
C)
Symbol
Unit
Reverse voltage (repetitive peak)
VRM
V
Reverse voltage (DC)
VR
V
Forward current (Single)
IFM
mA
Average rectified forward current
Io
mA
Surge current (t=1us)
Isurge
mA
Power dissipation
Pd
mW
Junction temperature
Tj
C
Tstg
C
f
MHz
Electrical characteristics (Ta=25
C)
Symbol
Min.
Typ.
Max.
Unit
VF
-
-
1.0
V
IF=10mA
IR
-
-
0.1
μA
VR=15V
Ct
-
-
4.0
pF
VR=6V , f=1MHz
Forward voltage
Reverse current
Capacitence between terminals
Parameter
Conditions
150
Storage temperature
55 to 150
Rated in slash put frequency
100
200
100
300
200
Parameter
Limits
20
20
UMD3
0.8MIN.
0.65
1.3
4.0±0.1
4.0±0.1
2.0±0.05
φ1.55±0.05
φ0.5±0.05
2.25±0.1
     0
1.25±0.1
0.3±0.1
ROHM : UMD3
JEITA : SC-70
JEDEC : SOT-323
dot (year week factory)
2.0±0.2
0.3±0.1
各リードとも
同寸法
(3)
1.3±0.1
(0.65)
(0.65)
(2)
(1)
0.15±0.05
0.9±0.1
0.7±0.1
0~0.1
(1)D2:C (2)D1:A
(3)D1:C D2:A
Each lead has same dimension
1/3
2011.06 - Rev.A


Similar Part No. - DA204U_11

ManufacturerPart #DatasheetDescription
logo
Rohm
DA204UT106 ROHM-DA204UT106 Datasheet
349Kb / 4P
   Switching Diode
logo
Micro Commercial Compon...
DA204U MCC-DA204U_13 Datasheet
211Kb / 2P
   100 mA Switching Diode 20 Volts
logo
Galaxy Semi-Conductor H...
DA204U BILIN-DA204U_14 Datasheet
191Kb / 3P
   Switching Diodes
logo
Rohm
DA204U ROHM-DA204U_16 Datasheet
2Mb / 9P
   Switching Diode
logo
Galaxy Semi-Conductor H...
DA204U BILIN-DA204U_17 Datasheet
125Kb / 3P
   Switching Diodes
More results

Similar Description - DA204U_11

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
   SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
   SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
   SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
   SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
logo
Rohm
RLS-73 ROHM-RLS-73 Datasheet
54Kb / 2P
   Switching diode
logo
AUK corp
SDS2836F AUK-SDS2836F Datasheet
103Kb / 3P
   Switching Diode
SDS2838E AUK-SDS2838E Datasheet
104Kb / 3P
   Switching Diode
logo
Microsemi Corporation
JAN1N914 MICROSEMI-JAN1N914 Datasheet
53Kb / 2P
   SWITCHING DIODE
logo
AUK corp
SDS2838F AUK-SDS2838F Datasheet
103Kb / 3P
   Switching Diode
logo
ON Semiconductor
BAS116LT1 ONSEMI-BAS116LT1 Datasheet
63Kb / 4P
   Switching Diode
1997 REV 1
logo
Compensated Deuices Inc...
1N914 CDI-DIODE-1N914 Datasheet
68Kb / 2P
   SWITCHING DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com