Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PFT1503N Datasheet(PDF) 1 Page - Nihon Inter Electronics Corporation

Part # PFT1503N
Description  150A Avg 300~600 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PFT1503N Datasheet(HTML) 1 Page - Nihon Inter Electronics Corporation

  PFT1503N_1 Datasheet HTML 1Page - Nihon Inter Electronics Corporation PFT1503N_1 Datasheet HTML 2Page - Nihon Inter Electronics Corporation PFT1503N_1 Datasheet HTML 3Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
─ 248 ─
THYRISTOR 150A Avg 300∼600 Volts PFT1503N PFT1506N
■回路図 CIRCUIT
G3
K3
K2
G2
1
2
3
G1
K1
■最大定格 Maximum Ratings
項   目
Parameter
記号
Symbol
耐圧クラス Grade
単位
Unit
くり返しピーク逆電圧
Repetitive Peak Reverse Voltage
VRRM
300
V
非くり返しピーク逆電圧
Non Repetitive Peak Reverse Voltage
VRSM
400
V
PFT1503N
項   目
Parameter
記号
Symbol
条   件
Conditions
定格値
Max. Rated Value
単位
Unit
平均整流電流
Average Rectified Output Current
I0(AV)
商用周波数 180°通電
Tc=102℃
Half Sine Wave
150
A
実効オン電流
RMS On-State Current
IT
(RMS)
235
A
電流二乗時間積
I Squared t
I
2t
2∼10ms
51200
A
2
s
動作接合温度範囲
Operating Junction Temperature Range
Tjw
−40∼+150
保存温度範囲
Storage Temperature Range
Tstg
−40∼+125
締付トルク
Mounting Torque
F
ジョイントコンパウンド塗布
Greased
2.5∼3.5
N・m
9.0∼10.0
N・m
ベース部
Mounting
主端子部
Terminal
サージオン電流
Surge On-State Current
ITSM
50Hz正弦半波,1サイクル,非くり返し
Half Sine Wave, 1Pulse, Non-Repetitive
3200
A
M6
M8
くり返しピークオフ電圧
Repetitive Peak Off-State Voltage
VDRM
300
V
非くり返しピークオフ電圧
Non Repetitive Peak Off-State Voltage
VDSM
400
V
ピークゲート逆電圧
Peak Gate Reverse Voltage
VRGM
5
V
ピークゲート電圧
Peak Gate Voltage
VGM
10
V
ピークゲート電流
Peak Gate Current
IGM
2
A
平均ゲート電力損失
Average Gate Power
PG
(AV)
1
W
ピークゲート電力損失
Peak Gate Power
PGM
5
W
1アーム当りの値 Value Per 1 Arm.
600
700
PFT1506N
600
700
φ
φ
φ
■外形寸法図 OUTLINE DRAWING (単位 Dimension:mm)


Similar Part No. - PFT1503N_1

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
PFT1503N NI-PFT1503N_15 Datasheet
217Kb / 3P
   THYRISTOR
More results

Similar Description - PFT1503N_1

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PH1503 NIEC-PH1503_1 Datasheet
165Kb / 2P
   150A Avg 300~800 Volts
PFT1303N NIEC-PFT1303N_1 Datasheet
221Kb / 3P
   130A Avg 300~600 Volts
PFT903N NIEC-PFT903N_1 Datasheet
214Kb / 3P
   90A Avg 300~600 Volts
logo
National Instruments Co...
PC1508 NI-PC1508_15 Datasheet
162Kb / 2P
   150A Avg 800 Volts
logo
Nihon Inter Electronics...
PDT20116 NIEC-PDT20116_1 Datasheet
378Kb / 3P
   150A Avg 800 Volts
PE1508N NIEC-PE1508N_1 Datasheet
159Kb / 2P
   150A Avg 800 Volts
logo
National Instruments Co...
PAT1508 NI-PAT1508_15 Datasheet
260Kb / 4P
   150A Avg 800 Volts
logo
Nihon Inter Electronics...
PDT1518 NIEC-PDT1518_1 Datasheet
372Kb / 3P
   150A Avg 800 Volts
PT151S8 NIEC-PT151S8_1 Datasheet
286Kb / 2P
   150A Avg 800 Volts
PT150S8 NIEC-PT150S8_1 Datasheet
281Kb / 2P
   150A Avg 800 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com