Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N4401 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # 2N4401
Description  NPN General Purpose Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

2N4401 Datasheet(HTML) 2 Page - Micro Commercial Components

  2N4401 Datasheet HTML 1Page - Micro Commercial Components 2N4401 Datasheet HTML 2Page - Micro Commercial Components 2N4401 Datasheet HTML 3Page - Micro Commercial Components 2N4401 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2N4401
DC Current Gain vs Collector Current
hFE
IC (mA)
60
120
180
240
300
360
1
10
100
1000
Base-Emitter ON Voltage vs
Collector Current
VBE(ON) - (V)
IC - (mA)
0
0.2
0.4
0.6
0.8
1.0
1.2
1
10
100
1000
Collector-Emitter Saturation
Volatge vs Collector Current
Base-Emitter Saturation
Voltage vs Collector Current
VCE(SAT) - (V)
VBE(SAT) - (V)
0
.04
.08
.12
.16
.20
.24
1.0
10
100
1000
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.0
10
100
1000
IC - (mA)
IC - (mA)
Collector-Base Diode Reverse
Current vs Temperature
ICBO - (mA)
TJ - (
°C)
0.1
1.0
10
100
0
25
50
75
100
125
150
VCB = 20V
IC/IB = 10
TA = 25
°C
IC/IB = 10
TA = 25
°C
VCE = 10V
VCE = 10V
TA = 25
°C
TA = 125
°C
Input Capacitance vs
Reverse Bias Voltage
Volts - (V)
pF
0
8
16
24
32
40
0.1
1.0
10
Ceb
f = 1MHz
MCC
Revision: A
2011/01/01
TM
Micro Commercial Components
www.mccsemi.com
2 of 4


Similar Part No. - 2N4401

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4401 ONSEMI-2N4401 Datasheet
303Kb / 6P
   General Purpose Transistors(NPN Silicon)
1996 REV 1
logo
SHENZHEN YONGERJIA INDU...
2N4401 WINNERJOIN-2N4401 Datasheet
138Kb / 1P
   TRANSISTOR (NPN)
logo
ON Semiconductor
2N4401 ONSEMI-2N4401 Datasheet
661Kb / 10P
   NPN General-Purpose Amplifier
September-2017, Rev. 2
logo
Central Semiconductor C...
2N4401 CENTRAL-2N4401 Datasheet
59Kb / 1P
   Small Signal Transistors TO-92 Case (Continued)
logo
Dc Components
2N4401 DCCOM-2N4401 Datasheet
215Kb / 1P
   TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
More results

Similar Description - 2N4401

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BCW33 FAIRCHILD-BCW33 Datasheet
85Kb / 5P
   NPN General Purpose Amplifier
BSR14 FAIRCHILD-BSR14 Datasheet
49Kb / 3P
   NPN General Purpose Amplifier
PN2484 FAIRCHILD-PN2484 Datasheet
39Kb / 2P
   NPN General Purpose Amplifier
PN3643 FAIRCHILD-PN3643 Datasheet
23Kb / 2P
   NPN General Purpose Amplifier
MPSW01 FAIRCHILD-MPSW01 Datasheet
140Kb / 5P
   NPN General Purpose Amplifier
logo
Unisonic Technologies
BC817 UTC-BC817 Datasheet
79Kb / 4P
   NPN GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
MPSA18 FAIRCHILD-MPSA18_01 Datasheet
296Kb / 7P
   NPN General Purpose Amplifier
2N3904 FAIRCHILD-2N3904 Datasheet
64Kb / 7P
   NPN General Purpose Amplifier
2N4124 FAIRCHILD-2N4124 Datasheet
93Kb / 2P
   NPN General Purpose Amplifier
2N4410 FAIRCHILD-2N4410 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
2N4953 FAIRCHILD-2N4953 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com