Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XG5M-6432-N Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # XG5M-6432-N
Description  IDC Sockets for Discrete Wires
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XG5M-6432-N Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button XG5M-6432-N Datasheet HTML 2Page - Omron Electronics LLC XG5M-6432-N Datasheet HTML 3Page - Omron Electronics LLC XG5M-6432-N Datasheet HTML 4Page - Omron Electronics LLC XG5M-6432-N Datasheet HTML 5Page - Omron Electronics LLC XG5M-6432-N Datasheet HTML 6Page - Omron Electronics LLC XG5M-6432-N Datasheet HTML 7Page - Omron Electronics LLC XG5M-6432-N Datasheet HTML 8Page - Omron Electronics LLC XG5M-6432-N Datasheet HTML 9Page - Omron Electronics LLC XG5M-6432-N Datasheet HTML 10Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
IDC Sockets for Discrete Wires
XG5
69
XG5 Accessories
■ Top Lock Levers
■ Spare Contacts
Contact Removal Tool
XY2E-0001
Used to remove contacts, which need to be replaced or reconfigured,
from the housing.
Replacing Contacts
Use only this tool to remove incorrect IDC contacts.
1. Remove the cover.
2. Insert the tool into the housing lance holes and push the lance
into the housing.
3. Pull out the contact while holding the lance down.
4. Insert a new contact.
■ XG5 IDC Assembly Tools
See the “XG
@ - Assembly Tooling and Accessories” datasheet for details regarding manual and automated IDC Termination tools (part numbers
XY2B-7006 and XY2B-2104-N)
Material: Polyamide resin
(UL94V-2)/natural
Material: Polyamide resin
(UL94V-2)/natural
XG5Z-0002 - “Lock Lever”
Use to lock unshrouded right-angle Plugs (XG8B and XG8W) to
XG5 or XG4 mating sockets.
XG4Z-0002 - “Lock Lever II”
Use to lock XG4C Box-type Plugs.
Mounting the Lock Lever
For Sockets with polarity guides, mount the
Lock Lever to the tab to lock the Socket to the
Unshrouded Plug as shown in the diagram on
the right.
Model
XG5Z-0002
XG4Z-0002
Size no.
XG5W-0031-N (Size #1)
XG5W-0034-N (Size #2)
Note: 1. These Contacts can be used as re-
placements if a wrong connection
is made.
2. The applicable wire for size No. 1 is
AWG24 (UL-1061). The applicable
wire for size No. 2 is AWG26 to
AWG28 (UL-1007).
Model
XG5W-0031-N
XG5W-0034-N
Contact
Removal Tool
XY2E-0001
Lance hole
Housing


Similar Part No. - XG5M-6432-N

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XG5M-6432-N OMRON-XG5M-6432-N Datasheet
967Kb / 10P
   IDC Sockets for Discrete Wires
More results

Similar Description - XG5M-6432-N

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XG5 OMRON-XG5 Datasheet
967Kb / 10P
   IDC Sockets for Discrete Wires
XG5N-U OMRON-XG5N-U Datasheet
637Kb / 5P
   Crimped MIL Connector Sockets for Discrete Wires
logo
AVX Corporation
00-9176-002-001-106 AVX-00-9176-002-001-106 Datasheet
368Kb / 9P
   Discrete Wire IDC
009176001001006 AVX-009176001001006 Datasheet
317Kb / 8P
   SSL - Discrete Wire IDC
00917900X001X06 AVX-00917900X001X06 Datasheet
348Kb / 8P
   SSL - Discrete Wire IDC
009175002701106 AVX-009175002701106 Datasheet
374Kb / 6P
   SSL - Discrete Wire IDC
009175003001006 AVX-009175003001006 Datasheet
368Kb / 5P
   SSL - Discrete Wire IDC
00917500X001X06 AVX-00917500X001X06 Datasheet
368Kb / 5P
   SSL - Discrete Wire IDC
00917700X001X06 AVX-00917700X001X06 Datasheet
236Kb / 5P
   SSL - Discrete Wire IDC
009177003033006 AVX-009177003033006 Datasheet
236Kb / 5P
   SSL - Discrete Wire IDC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com