Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACS712ELCTR-05B-T Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # ACS712ELCTR-05B-T
Description  Fully Integrated, Hall Effect-Based Linear Current Sensor IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS712ELCTR-05B-T Datasheet(HTML) 2 Page - Allegro MicroSystems

  ACS712ELCTR-05B-T Datasheet HTML 1Page - Allegro MicroSystems ACS712ELCTR-05B-T Datasheet HTML 2Page - Allegro MicroSystems ACS712ELCTR-05B-T Datasheet HTML 3Page - Allegro MicroSystems ACS712ELCTR-05B-T Datasheet HTML 4Page - Allegro MicroSystems ACS712ELCTR-05B-T Datasheet HTML 5Page - Allegro MicroSystems ACS712ELCTR-05B-T Datasheet HTML 6Page - Allegro MicroSystems ACS712ELCTR-05B-T Datasheet HTML 7Page - Allegro MicroSystems ACS712ELCTR-05B-T Datasheet HTML 8Page - Allegro MicroSystems ACS712ELCTR-05B-T Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Fully Integrated, Hall Effect-Based Linear Current Sensor IC
with
2.1 kVRMS Isolation and a Low-Resistance Current Conductor
ACS712
2
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Absolute Maximum Ratings
Characteristic
Symbol
Notes
Rating
Units
Supply Voltage
VCC
8V
Reverse Supply Voltage
VRCC
–0.1
V
Output Voltage
VIOUT
8V
Reverse Output Voltage
VRIOUT
–0.1
V
Reinforced Isolation Voltage
VISO
Pins 1-4 and 5-8; 60 Hz, 1 minute, TA=25°C
2100
VAC
Maximum working voltage according to
UL60950-1
184
Vpeak
Basic Isolation Voltage
VISO(bsc)
Pins 1-4 and 5-8; 60 Hz, 1 minute, TA=25°C
1500
VAC
Maximum working voltage according to
UL60950-1
354
Vpeak
Output Current Source
IIOUT(Source)
3mA
Output Current Sink
IIOUT(Sink)
10
mA
Overcurrent Transient Tolerance
IP
1 pulse, 100 ms
100
A
Nominal Operating Ambient Temperature
TA
Range E
–40 to 85
ºC
Maximum Junction Temperature
TJ(max)
165
ºC
Storage Temperature
Tstg
–65 to 170
ºC
Selection Guide
Part Number
Packing*
TA
(°C)
Optimized Range, IP
(A)
Sensitivity, Sens
(Typ) (mV/A)
ACS712ELCTR-05B-T
Tape and reel, 3000 pieces/reel
–40 to 85
±5
185
ACS712ELCTR-20A-T
Tape and reel, 3000 pieces/reel
–40 to 85
±20
100
ACS712ELCTR-30A-T
Tape and reel, 3000 pieces/reel
–40 to 85
±30
66
*Contact Allegro for additional packing options.
the device at up to 5× overcurrent conditions. The terminals of the
conductive path are electrically isolated from the signal leads (pins
5 through 8). This allows the ACS712 to be used in applications
requiring electrical isolation without the use of opto-isolators or
other costly isolation techniques.
TheACS712 is provided in a small, surface mount SOIC8 package.
The leadframe is plated with 100% matte tin, which is compatible
withstandardlead(Pb)freeprintedcircuitboardassemblyprocesses.
Internally,thedeviceisPb-free,exceptforflip-chiphigh-temperature
Pb-based solder balls, currently exempt from RoHS. The device is
fully calibrated prior to shipment from the factory.
Description (continued)
Parameter
Specification
Fire and Electric Shock
CAN/CSA-C22.2 No. 60950-1-03
UL 60950-1:2003
EN 60950-1:2001


Similar Part No. - ACS712ELCTR-05B-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS712ELCTR-05B-T ALLEGRO-ACS712ELCTR-05B-T Datasheet
996Kb / 12P
   Fully Integrated, Hall Effect-Based Linear Current Sensor with 2.1 kVRMS Voltage Isolation and a Low-Resistance Current Conductor
ACS712ELCTR-05B-T ALLEGRO-ACS712ELCTR-05B-T Datasheet
667Kb / 12P
   Fully Integrated, Hall Effect-Based Linear Current Sensor with 2.1 kVRMS Voltage Isolation and a Low-Resistance Current Conductor
ACS712ELCTR-05B-T ALLEGRO-ACS712ELCTR-05B-T Datasheet
678Kb / 14P
   Fully Integrated, Hall Effect-Based Linear Current Sensor with 2.1 kVRMS Voltage Isolation and a Low-Resistance Current Conductor
More results

Similar Description - ACS712ELCTR-05B-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS713 ALLEGRO-ACS713_16 Datasheet
569Kb / 14P
   Fully Integrated, Hall Effect-Based Linear Current Sensor IC
ACS712 ALLEGRO-ACS712_16 Datasheet
681Kb / 15P
   Fully Integrated, Hall Effect-Based Linear Current Sensor IC
ACS756 ALLEGRO-ACS756_16 Datasheet
632Kb / 11P
   Fully Integrated, Hall Effect-Based Linear Current Sensor IC
ACS764 ALLEGRO-ACS764 Datasheet
387Kb / 22P
   Fully Integrated, Hall-Effect Based Current Sensor IC
ACS715 ALLEGRO-ACS715_16 Datasheet
796Kb / 15P
   Automotive Grade, Fully Integrated, Hall Effect-Based Linear Current Sensor IC
ACS714 ALLEGRO-ACS714_16 Datasheet
690Kb / 18P
   Automotive Grade, Fully Integrated, Hall Effect-Based Linear Current Sensor IC
ACS758 ALLEGRO-ACS758_13 Datasheet
737Kb / 22P
   Thermally Enhanced, Fully Integrated, Hall Effect-Based Linear Current Sensor IC with 100 Current Conductor
ACS758 ALLEGRO-ACS758_16 Datasheet
1Mb / 22P
   Thermally Enhanced, Fully Integrated, Hall Effect-Based Linear Current Sensor IC with 100 關廓 Current Conductor
ACS758XCB ALLEGRO-ACS758XCB Datasheet
594Kb / 16P
   Thermally Enhanced, Fully Integrated, Hall Effect-Based Linear Current Sensor IC with 100 關廓 Current Conductor
logo
Broadcom Corporation.
ACHS-7121 BOARDCOM-ACHS-7121 Datasheet
827Kb / 14P
   Fully Integrated, Hall Effect-Based Linear Current Sensor IC with 3 kVRMS Isolation and Low-Resistance Current Conductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com