Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XF2J-1024-12A Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # XF2J-1024-12A
Description  ZIF Slide-locking Connector (0.5 mm-pitch)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XF2J-1024-12A Datasheet(HTML) 4 Page - Omron Electronics LLC

  XF2J-1024-12A Datasheet HTML 1Page - Omron Electronics LLC XF2J-1024-12A Datasheet HTML 2Page - Omron Electronics LLC XF2J-1024-12A Datasheet HTML 3Page - Omron Electronics LLC XF2J-1024-12A Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ZIF Slide-locking Connector (0.5 mm-pitch)
XF2J
OMRON ON-LINE
Global - http://www.omron.com
USA - http://www.components.omron.com
Cat. No. X304-E-1
Printed in USA
OMRON ELECTRONIC
COMPONENTS LLC
55 E. Commerce Drive, Suite B
Schaumburg, IL 60173
847-882-2288
11/10
Specifications subject to change without notice
All sales are subject to Omron Electronic Components LLC standard terms and conditions of sale, which
can be found at http://www.components.omron.com/components/web/webfiles.nsf/sales_terms.html
ALL DIMENSIONS SHOWN ARE IN MILLIMETERS.
To convert millimeters into inches, multiply by 0.03937. To convert grams into ounces, multiply by 0.03527.


Similar Part No. - XF2J-1024-12A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XF2J-1024-12A OMRON-XF2J-1024-12A Datasheet
193Kb / 4P
   ZIF Slide-locking Connector (0.5 mm-pitch)
More results

Similar Description - XF2J-1024-12A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XF2L OMRON-XF2L Datasheet
208Kb / 4P
   ZIF Slide-locking Connector (0.5-mm pitch)
XF2J OMRON-XF2J Datasheet
193Kb / 4P
   ZIF Slide-locking Connector (0.5 mm-pitch)
XF2L_1011 OMRON-XF2L_1011 Datasheet
160Kb / 4P
   ZIF Slide-locking Connector (0.5-mm pitch)
logo
List of Unclassifed Man...
XF2J ETC-XF2J Datasheet
596Kb / 1P
   0.5mm-pitch ZIF-Slide Type
logo
CONEC Elektronische Bau...
16-000640 CONEC-16-000640 Datasheet
145Kb / 1P
   LOCKING BOLT for slide lock
logo
Omron Electronics LLC
XF2G OMRON-XF2G Datasheet
304Kb / 4P
   0.5 mm-Pitch Vertical FPC Connector
logo
Wurth Elektronik GmbH &...
686108189122 WURTH-686108189122 Datasheet
776Kb / 7P
   WR-FPC SMT ZIF Horizontal Back Locking ZIF Connectors
002.000
logo
Hirose Electric
FH28 HIROSE-FH28 Datasheet
828Kb / 11P
   0.5 mm Pitch, 2.55 mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
logo
Wurth Elektronik GmbH &...
686110189122 WURTH-686110189122 Datasheet
776Kb / 7P
   WR-FPC SMT ZIF Horizontal Back Locking ZIF Connectors
002.000
686114189122 WURTH-686114189122 Datasheet
765Kb / 7P
   WR-FPC SMT ZIF Horizontal Back Locking ZIF Connectors
002.000
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com