Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU27TA2WHFV Datasheet(PDF) 3 Page - Rohm

Part # BU27TA2WHFV
Description  1ch 200mA CMOS LDO Regulators
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU27TA2WHFV Datasheet(HTML) 3 Page - Rohm

  BU27TA2WHFV Datasheet HTML 1Page - Rohm BU27TA2WHFV Datasheet HTML 2Page - Rohm BU27TA2WHFV Datasheet HTML 3Page - Rohm BU27TA2WHFV Datasheet HTML 4Page - Rohm BU27TA2WHFV Datasheet HTML 5Page - Rohm BU27TA2WHFV Datasheet HTML 6Page - Rohm BU27TA2WHFV Datasheet HTML 7Page - Rohm BU27TA2WHFV Datasheet HTML 8Page - Rohm BU27TA2WHFV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
Technical Note
3/29
BUTA2WNVX series, BUTA2WHFV series
www.rohm.com
2011.01 - Rev.C
© 2011 ROHM Co., Ltd. All rights reserved.
Electrical characteristics
(Unless otherwise specified Ta=25℃, VIN=VOUT+1.0 V (VIN=3.5 V on VOUT=1.8-V and1.5-V products)
,
STBY=1.5 V, CIN=1.0 µF, CO=1.0 µF)
Parameter
Symbol
Limits
Unit
Conditions
Min.
Typ.
Max.
Output voltage
VOUT
VOUT
×0.99
VOUT
VOUT
×1.01
V
IOUT=10 μA, VOUT≥2.5 V
VOUT
-25 mV
VOUT
+25 mV
IOUT=10 μA, VOUT<2.5 V
Circuit current
IIN
-
40
95
μA
IOUT=0mA
Circuit current (at STBY)
ISTBY
-
-
1
μA
STBY=0 V
Ripple rejection
RR
55
70
-
dB
VRR=-20 dBv, fRR=1 kHz,
IOUT=10 mA, 1.5 V≤VOUT≤1.8 V
65
VRR=-20 dBv,fRR=1 kHz,
IOUT=10 mA, 2.5 V≤VOUT
Input/Output voltage difference
VSAT
-
400
800
mV
2.5 V≤VOUT≤2.6 V
(VIN=0.98*VOUT, IOUT=200 mA)
-
360
720
mV
2.7 V≤VOUT≤2.85 V
(VIN=0.98*VOUT, IOUT=200 mA)
-
330
660
mV
2.9 V≤VOUT≤3.1 V
(VIN=0.98*VOUT,IOUT=200 mA)
-
300
600
mV
3.2 V≤VOUT≤3.4 V
(VIN=0.98*VOUT, IOUT=200 mA)
Line regulation
VDL
-
2
20
mV
VIN=VOUT+1.0 V to 5.5 V,
IOUT=10 μA
Load regulation
VDLO
-
10
80
mV
IOUT=0.01 mA to 100 mA
Overcurrent protection detection
current
ILMAX
250
400
700
mA
Vo=VOUT*0.8
Output short-circuit current
ISHORT
20
70
150
mA
Vo=0 V
Output discharge resistance
RDSC
20
40
80
VIN=4.0 V, STBY=0 V
Standby pull-down resistance
RSTB
500
1000
2000
kΩ
Standby control
ON
VSTBH
1.5
-
5.5
V
OFF
VSTBL
-0.3
-
0.3
V
* This product does not have radiation-proof design.


Similar Part No. - BU27TA2WHFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BU27TA2WHFV-TR ROHM-BU27TA2WHFV-TR Datasheet
1Mb / 28P
   High-speed Load Response FULL CMOS LDO Regulators
More results

Similar Description - BU27TA2WHFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BU10TD2WNVX ROHM-BU10TD2WNVX Datasheet
2Mb / 42P
   1ch 200mA CMOS LDO Regulators
BU12SD2MG-MTR ROHM-BU12SD2MG-MTR Datasheet
834Kb / 31P
   1ch 200mA CMOS LDO Regulators
BU18SA4WGWL-E2 ROHM-BU18SA4WGWL-E2 Datasheet
999Kb / 37P
   1ch 200mA CMOS LDO Regulators
BH12PB1WHFV ROHM-BH12PB1WHFV_11 Datasheet
353Kb / 11P
   1ch 150mA CMOS LDO Regulators
BH15M0AWHFV-TR ROHM-BH15M0AWHFV-TR Datasheet
577Kb / 13P
   1ch 300mA CMOS LDO Regulators
BUXXSD5 ROHM-BUXXSD5 Datasheet
941Kb / 20P
   1ch 500mA CMOS LDO Regulators
2016.05.31 Rev.003
BH31FB1WHFV-TR ROHM-BH31FB1WHFV-TR Datasheet
562Kb / 13P
   1ch 300mA CMOS LDO Regulators
BHXXM0A ROHM-BHXXM0A Datasheet
632Kb / 13P
   1ch 300mA CMOS LDO Regulators
21.Nov.2013 Rev.001
BHXXMA3 ROHM-BHXXMA3 Datasheet
619Kb / 13P
   1ch 300mA CMOS LDO Regulators
25.Sep.2013 Rev.001
BH25NB1WHFV ROHM-BH25NB1WHFV_11 Datasheet
303Kb / 9P
   1ch 150mA CMOS LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com